Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5336-TC Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5336-TC
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336-TC Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5336-TC Datasheet HTML 17Page - Cirrus Logic CS5336-TC Datasheet HTML 18Page - Cirrus Logic CS5336-TC Datasheet HTML 19Page - Cirrus Logic CS5336-TC Datasheet HTML 20Page - Cirrus Logic CS5336-TC Datasheet HTML 21Page - Cirrus Logic CS5336-TC Datasheet HTML 22Page - Cirrus Logic CS5336-TC Datasheet HTML 23Page - Cirrus Logic CS5336-TC Datasheet HTML 24Page - Cirrus Logic CS5336-TC Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
REFERENCES
1) "A Stereo 16-bit Delta-Sigma A/D Converter for Digital Audio" by D.R. Welland, B.P. Del Sig-
nore, E.J. Swanson, T. Tanaka, K. Hamashita, S. Hara, K. Takasuka. Paper presented at the 85th
Convention of the Audio Engineering Society, November 1988.
2) " The Effects of Sampling Clock Jitter on Nyquist Sampling Analog-to-Digital Converters, and on
Oversampling Delta Sigma ADC’s" by Steven Harris. Paper presented at the 87th Convention of the
Audio Engineering Society, October 1989.
3) " An 18-Bit Dual-Channel Oversampling Delta-Sigma A/D Converter, with 19-Bit Mono Applica-
tion Example" by Clif Sanchez. Paper presented at the 87th Convention of the Audio Engineering
Society, October 1989.
Ordering Guide
Model
Resolution
Passband
SCLK
Temperature
Package
CS5336-KP
16-bits
22 kHz
↑ active
0
°C to 70 °C
28-pin Plastic DIP
CS5336-BP
16-bits
22 kHz
↑ active
-40 to +85
°C
28-pin Plastic DIP
CS5338-KP
16-bits
24 kHz
↑ active
0
°C to 70 °C
28-pin Plastic DIP
CS5339-KP
16-bits
24 kHz
↓ active
0
°C to 70 °C
28-pin Plastic DIP
CS5336-KS
16-bits
22 kHz
↑ active
0
°C to 70 °C
28-pin SOIC
CS5336-BS
16-bits
22 kHz
↑ active
-40 to +85
°C
28-pin SOIC
CS5338-KS
16-bits
24 kHz
↑ active
0
°C to 70 °C
28-pin SOIC
CS5339-KS
16-bits
24 kHz
↓ active
0
°C to 70 °C
28-pin SOIC
CS5336-TC
16-bits
22 kHz
↑ active
-55 to +125
°C
28-pin Sidebrazed Ceramic DIP
CDB5336
CS5336 Evaluation Board
CDB5338
CS5338 Evaluation Board
CDB5339
CS5339 Evaluation Board
CS5336, CS5338, CS5339
DS23F1
3-59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com