Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6629MF/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6629MF/NOPB Datasheet HTML 9Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 10Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 11Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 12Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 13Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 14Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 15Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 16Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
f (Hz)
2
0
-2
-4
-6
-8
100k
1M
10M
100M
1G
1.5 k:
750 :
240 :
511 :
f (Hz)
1.5 k
Ö
750
Ö
240
Ö
1 k
Ö
100M
1G
10M
1M
100k
-8
-6
-4
-2
0
2
4
f (Hz)
2
0
-2
-4
-6
-8
100k
1M
10M
100M
1G
1.5 k:
750 :
1 k:
240 :
f (Hz)
750
Ö
1 k
Ö
240
Ö
100M
1G
10M
1M
100k
-8
-6
-4
-2
0
2
1.5 k
Ö
10
100
1,000
f (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
10 pF, Riso = 40 :
4.7 pF, Riso = 72 :
33 pF, Riso = 17 :
10
100
1,000
f (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
33 pF, Riso = 17 :
4.7 pF, Riso = 72 :
10 pF, Riso = 40 :
LMH6629
www.ti.com
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = ±2.5V, Rf = 240 Ω, RL = 100 Ω, VO = 2 VPP, COMP pin = HI, AV = +10 V/V, WSON-8 and
SOT-23-5 packages (unless specifically noted).
RL = 100 Ω || CL
RL = 100 Ω || CL, AV = 4 V/V
RISO as noted (measured @ CL)
COMP Pin = LO
RISO as noted (measured @ CL)
Figure 13. Frequency Response with Cap. Loading
Figure 14. Frequency Response Cap. Loading,
WSON-8 Package
Figure 16. Frequency Response vs. Rf, SOT-23-5 Package
Figure 15. Frequency Response vs. Rf, WSON-8 Package
VS = ± 1.5 V
VO = 1 VPP
VS = ±1.5 V
VO = 1 VPP
Figure 18. Frequency Response vs. Rf, SOT-23-5 Package
Figure 17. Frequency Response vs. Rf, WSON-8 Package
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com