Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6629MF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6629MF/NOPB Datasheet HTML 1Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 2Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 3Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 4Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 5Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 6Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 7Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 8Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
LMH6629
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................. 20
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 31
2
Applications ........................................................... 1
8
Application and Implementation ........................ 32
3
Description ............................................................. 1
8.1
Application Information............................................ 32
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 32
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 34
6
Specifications......................................................... 4
10
Layout................................................................... 35
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 35
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 36
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 38
6.4
Thermal Information .................................................. 4
11.1
Documentation Support ........................................ 38
6.5
Electrical Characteristics 5V .................................... 5
11.2
Trademarks ........................................................... 38
6.6
Electrical Characteristics 3.3V ................................. 8
11.3
Electrostatic Discharge Caution ............................ 38
6.7
Typical Performance Characteristics ...................... 11
11.4
Glossary ................................................................ 38
7
Detailed Description ............................................ 19
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 19
Information ........................................................... 38
7.2
Functional Block Diagram ....................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (October 2014) to Revision I
Page
•
Updated ESD Ratings table. .................................................................................................................................................. 4
•
Revised paragraph beginning with "The optimum value of "CF in the Low-Noise Transimpedance Amplifier section ........ 29
•
Updated Related Documentation section ............................................................................................................................. 38
Changes from Revision G (March 2013) to Revision H
Page
•
Added, updated, or renamed the following sections: Device Information Table, Pin Configuration and Functions,
Application and Implementation; Power Supply Recommendations; Layout; Device and Documentation Support;
Mechanical, Packaging, and Ordering Information................................................................................................................. 1
Changes from Revision F (March 2013) to Revision G
Page
•
Changed layout of National Data Sheet to TI format ............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com