Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV772MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772MA/NOPB
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV772MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
10
20
30
40
50
60
70
80
90
100
VOUT FROM V
+
125°C
-40°C
25°C
85°C
VS = 5V
0
0.5
1
1.5
2
2.5
3
VOUT REFERENCED TO V
+
(V)
0
10
20
30
40
25°C
-40°C
VS = 2.7V
125°C
85°C
0
0.5
1
1.5
2
2.5
3
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
VOUT FROM V
-
(V)
VS = 2.7V
125°C
85°C
-40°C
25°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VOUT FROM V
-
(V)
25°C
125°C
-40°C
85°C
VS = 5V
-3
-2
-1
0
1
2
3
-500
-400
-300
-200
-100
0
100
200
300
400
500
OUTPUT VOLTAGE (V)
VS = ±2.5V
TA = 25°C
RL = 2k:
RL = 600:
-1.5
-1
0.5
0
0.5
1
1.5
-500
-400
-300
-200
-100
0
100
200
300
400
500
OUTPUT VOLTAGE (V)
VS = ±1.35V
TA = 25°C
RL = 2k:
RL = 600:
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
Typical Performance Characteristics (continued)
VIN
VIN
vs.
vs.
VOUT
VOUT
Sourcing Current
Sourcing Current
vs.
vs.
VOUT
(1)
VOUT
(1)
Sinking Current
Sinking Current
vs.
vs.
VOUT
(2)
VOUT
(2)
(1)
Continuous operation of the device with an output short circuit current larger than 35mA may cause permanent damage to the device.
(2)
Continuous operation of the device with an output short circuit current larger than 35mA may cause permanent damage to the device.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com