Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV772MA/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772MA/NOPB
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772MA/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV772MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
10
100
1k
10k
FREQUENCY (Hz)
-140
-120
-100
-80
-60
-40
-20
0
VS = ±2.5V
VCM = 0V
VIN = 3VPP
VO = -K (2a + 1) (V1 - V2)
VO =
KR2
R2
(VO2 - VO1)
= -K (VO1 - VO2)
R11 = V1 - V2
V
VO1 - VO2 = (2R1 +
) I
R11 R
11
= (2a + 1) V R
11
= (2a + 1)
R11 x IR
11
GIVEN: I
R1
= I
R11
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
There are two stages in this amplifier. The last stage, output stage, is a differential amplifier. In an ideal case the
two amplifiers of the first stage, input stage, would be set up as buffers to isolate the inputs. However they
cannot be connected as followers because of real amplifier's mismatch. That is why there is a balancing resistor
between the two. The product of the two stages of gain will give the gain of the instrumentation amplifier. Ideally,
the CMRR should be infinite. However the output stage has a small non-zero common mode gain which results
from resistor mismatch.
In the input stage of the circuit, current is the same across all resistors. This is due to the high input impedance
and low input bias current of the LMV771. With the node equations we have:
(2)
By Ohm’s Law:
(3)
However:
(4)
So we have:
(5)
Now looking at the output of the instrumentation amplifier:
(6)
Substituting from Equation 5:
(7)
This shows the gain of the instrumentation amplifier to be:
−K(2a+1)
(8)
Typical values for this circuit can be obtained by setting: a = 12 and K= 4. This results in an overall gain of
−100.
Figure 6 shows typical CMRR characteristics of this Instrumentation amplifier over frequency. Three LMV771
amplifiers are used along with 1% resistors to minimize resistor mismatch. Resistors used to build the circuit are:
R1 = 21.6kΩ, R11 = 1.8kΩ, R2 = 2.5kΩ with K = 40 and a = 12. This results in an overall gain of −1000, −K(2a+1)
=
−1000.
Figure 6. CMRR vs. Frequency
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com