Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2871AF Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2871AF
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2871AF Datasheet(HTML) 4 Page - New Japan Radio

  NJM2871AF Datasheet HTML 1Page - New Japan Radio NJM2871AF Datasheet HTML 2Page - New Japan Radio NJM2871AF Datasheet HTML 3Page - New Japan Radio NJM2871AF Datasheet HTML 4Page - New Japan Radio NJM2871AF Datasheet HTML 5Page - New Japan Radio NJM2871AF Datasheet HTML 6Page - New Japan Radio NJM2871AF Datasheet HTML 7Page - New Japan Radio NJM2871AF Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJM2871/A, NJM2872/A
s TYPICAL APPLICATION
x In case that ON/OFF Control is not required:
VIN
VOUT
CONTROL
NOISE
BYPASS
GND
0.1uF
Cp=0.01uF
VOUT
VIN
R
(0
∼300kΩ)
(ceramic)
1.0uF
*note1
*note1 2.0V < Vo
≤ 2.6V version : Co=2.2uF(ceramic)
Vo
≤ 2.0V version : Co=4.7uF(ceramic)
Connect control terminal to VIN terminal
The quiescent current can be reduced by using a resistance “R”. Instead, it increases the minimum
operating voltage. For further information, please refer to Figure “Output Voltage vs. Control Voltage”.
y In use of ON/OFF CONTROL:
VIN
VOUT
CONTROL
NOISE
BYPASS
GND
0.1uF
Cp=0.01uF
VOUT
VIN
R
(ceramic)
1.0uF
*note1
*note1 2.0V < Vo
≤ 2.6V version : Co=2.2uF(ceramic)
Vo
≤ 2.0V version : Co=4.7uF(ceramic)
State of control terminal:
•“H”→ output is enabled.
• “L” or “open” → output is disabled.
✱Noise bypass Capacitance Cp
Noise bypass capacitance Cp reduces noise generated by band-gap reference circuit.
Noise level and ripple rejection will be improved when larger Cp is used.
Use of smaller Cp value may cause oscillation.
Use the Cp value of 0.01uF greater to avoid the problem.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com