Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2871AF Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2871AF
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2871AF Datasheet(HTML) 1 Page - New Japan Radio

  NJM2871AF Datasheet HTML 1Page - New Japan Radio NJM2871AF Datasheet HTML 2Page - New Japan Radio NJM2871AF Datasheet HTML 3Page - New Japan Radio NJM2871AF Datasheet HTML 4Page - New Japan Radio NJM2871AF Datasheet HTML 5Page - New Japan Radio NJM2871AF Datasheet HTML 6Page - New Japan Radio NJM2871AF Datasheet HTML 7Page - New Japan Radio NJM2871AF Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NJM2871/A, NJM2872/A
LOW DROPOUT VOLTAGE REGULATOR
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
The NJM2871/A, NJM2872/A are low dropout voltage
regulators designed for cellular phone application.
Advanced Bipolar technology achieves low noise, high
ripple rejection and low quiescent current.
s FEATURES
qHigh Ripple Rejection
70dB typ. (f=1kHz)
qOutput Noise Voltage
Vno=30
µVrms (Cp=0.01µF)
qOutput capacitor with 1.0uF ceramic capacitor (Vo
≥2.7V)
qOutput Current
Io(max.)=150mA
qHigh Precision Output
Vo
±2%
Vo
±1%:A Version
qLow Dropout Voltage
0.10V typ. (Io=60mA)
qON/OFF Control
(Active High)
qOperating Voltage Range +2.5V
∼+14V (Vo≤2.0V version)
qInternal Short Circuit Current Limit
qInternal Thermal Overload Protection
qBipolar Technology
qPackage Outline
MTP5 (MTP5:2.8×2.9×1.1mm)
s PIN CONFIGURATION
15
2
34
15
2
34
NJM2871F/AF
NJM2872F/AF
s EQUIVALENT CIRCUIT
VOUT
GND
VIN
Thermal
Protection
Bandgap
Reference
Noise
Bypass
Cont
NJM2871F/AF
NJM2872F/AF
PIN FUNCTION
1. CONTROL (Active High)
2. GND
3. NOISE BYPASS
4. VOUT
5. VIN
PIN FUNCTION
1.VIN
2.GND
3.CONTROL (Active High)
4.NOISE BYPASS
5.VOUT


Similar Part No. - NJM2871AF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2871A NJRC-NJM2871A Datasheet
139Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
Ver.2013-02-28
logo
Nisshinbo Micro Devices...
NJM2871A NISSHINBO-NJM2871A Datasheet
139Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
Ver.2013-02-28
More results

Similar Description - NJM2871AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com