Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2014 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L2014
Description  Liquid Crystal Display Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L2014 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L2014 Datasheet HTML 1Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 2Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 3Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 4Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 5Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 6Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 7Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 8Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
L2022
L2432
L4042
L2014
M4024
• SPECIFICATIONS :
: Standard products
: Products of optional specification
Character Format (character x line)
20 x 2
20 x 4
24 x 2
40 x 2
40 x 4
Model
L2022
L2014
L2432
L4042
M4024
Reflective
-
L201400J000S
L243200J000S
L404200J000S
M40240AS
EL backlight
-
L201421J000S
L243221J000S
L404221J000S
M40249DWS
LED backlight
-
L2014B1J000S
L2432B1J000S
L4042B1J000S
M40247DYS
Reflective (wide temp)
L202200P000S
L201400L000S
L243200L000S
L404200L000S
M40240CS
LED backlight (wide temp)
L2022B1P000S
L2014B1L000S
L2432B1L000S
L4042B1L000S
M40247JYS
Character font
5x7 dots + cursor
5x7 dots + cursor
5x7 dots + cursor
5x7 dots + cursor
5x7 dots + cursor
Module
Reflective
180,0 x 40,0 x 10,5
98,0 x 60,0 x 11,6
118,0 x 36,0 x 11,3
182,0 x 33,5 x 11,3
190,0 x 54,0 x 10,1
size
EL backlight
180,0 x 40,0 x 10,5
98,0 x 60,0 x 11,6
118,0 x 36,0 x 11,3
182,0 x 33,5 x 11,3
190,0 x 54,0 x 10,1
(HxVxT) mm
LED backlight
180,0 x 40,0 x 14,8
98,0 x 60,0 x 15,8
118,0 x 36,0 x 15,8
182,0 x 33,5 x 16,3
190,0 x 54,0 x 16,3
Viewing area (HxV) mm
149,0 x 23,0
76,0 x 25,2
94,5 x 17,8
154,4 x 15,8
147,0 x 29,5
Character size (HxV) mm *1
6,00 x 9,66
2,95 x 4,15
3,20 x 4,85
3,20 x 4,85
2,78 x 4,27
Dot size (HxV) mm
1,12 x 1,12
0,55 x 0,55
0,60 x 0,65
0,60 x 0,65
0,50 x 0,55
Power supply voltage (VDD-VSS) V
+ 5 V
+ 5 V
+ 5 V
+ 5 V
+ 5 V
Current consumption
IDD
4,2
2,9
2,5
3,0
8,0
(mA,typ)
ILC *4
2,6
1,2
0,5
1,0
3,0
Driving method (duty)
1/16
1/16
1/16
1/16
1/16
KS0066
KS0066
KS0066
KS0066
KS0066
Built-in LSI
KS0063
MSM5839
KS0063
KS0063
MSM5839
or equivalent
or equivalent
or equivalent
or equivalent
or equivalent
Operating temperature (
°C)
normal temp.
-
0 to + 50
0 to + 50
0 to + 50
0 to + 50
wide temp. *2
- 20 to + 70
- 20 to + 70
- 20 to + 70
- 20 to + 70
- 20 to + 70
Storage temperature (
°C)
normal temp.
-
- 20 to + 60
- 20 to + 60
- 20 to + 60
- 20 to + 60
wide temp.
- 30 to + 80
- 30 to + 80
- 30 to + 80
- 30 to + 80
- 30 to + 80
Weight
Reflective
80
55
40
70
90
(g, typ.)
EL backlight
-
60
45
75
105
LED backlight
110
70
60
95
140
Model
-
5A
5A
5C
5D
Inverters
Power supply (V)
+ 5.0
+ 5.0
+ 5.0
+ 5.0
+ 5.0
for EL
current consumption (mA) *3
-45
45
25
80
Forward current
LED
consumption (mA)
320
240
150
260
480
backlight
Forward input voltage
(V,typ.)
+ 4,1
+ 4,1
+ 4,1
+ 4,1
+ 4,1
*1 : Excluding cursor
H : Horizontal
V : Vertical
T : Thickness (max)
*2 : With ex ternal temperature compensation
*3 : Including EL backlight
*4 : Based on normal temperature range



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com