Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2014 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L2014
Description  Liquid Crystal Display Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L2014 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L2014 Datasheet HTML 1Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 2Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 3Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 4Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 5Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 6Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 7Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 8Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Dot Matrix Liquid Crystal Display Modules
CHARACTER TYPE
• FEATURES :
• Slim, light weight and low power consumption
• High contrast and wide viewing angle
• Built-in controller for easy interfacing
• LCD modules with built-in EL or LED backlight
• SPECIFICATIONS :
M1641
L1642
L1614
M1632
L1652
L2012
: Standard products
: Products of optional specification
Character Format (character x line)
16 x 1
16 x 2
16 x 2
16 x 2
16 x 4
20 x 2
Model
M1641
M1632
L1642
L1652
L1614
L2012
Reflective
M16410AS
M16320AS
L164200J000S
L165200J200S
L161400J000S
L201200J000S
EL backlight
M16419DWS
M16329DWS
L164221J000S
L165221J200S
L161421J000S
L201221J000S
LED backlight
M16417DYS
M16327DYS
L1642B1J000S
L1652B1J200S
L1614B1J000S
L2012B1J000S
Reflective (wide temp)
M16410CS
M16320CS
L164200L000S
L165200L200S
L161400L000S
L201200L000S
LED backlight (wide temp)
M16417JYS
M16327JYS
L1642B1L000S
L1652B1L200S
L1614B1L000S
L2012B1L000S
Character font
5x7 dots + cursor
5x7 dots + cursor
5x7 dots + cursor
5x7 dots + cursor
5x7 dots + cursor
5x7 dots + cursor
Module
Reflective
80,0 x 36,0 x 11,3
85,0 x 30,0 x 10,1
80,0 x 36,0 x 11,3
122,0 x 44,0 x 11,3
87,0 x 60,0 x 11,6
116,0 x 37,0 x 11,3
size
EL backlight
80,0 x 36,0 x 11,3
85,0 x 30,0 x 10,1
80,0 x 36,0 x 11,3
122,0 x 44,0 x 11,3
87,0 x 60,0 x 11,6
116,0 x 37,0 x 11,3
(HxVxT) mm
LED backlight
80,0 x 36,0 x 15,8
80,0 x 30,0 x 15,8
80,0 x 36,0 x 15,8
122,0 x 44,0 x 15,8
87,0 x 60,0 x 15,8
116,0 x 37,0 x 15,8
Viewing area (HxV) mm
64,5 x 13,8
62,0 x 16,0
64,5 x 13,8
99,0 x 24,0
61,8 x 25,2
83,0 x 18,6
Character size (HxV) mm *1
3,07 x 5,73
2,78 x 4,27
2,95 x 3,80
4,84 x 8,06
2,95 x 4,15
3,20 x 4,85
Dot size (HxV) mm
0,55 x 0,75
0,50 x 0,55
0,50 x 0,55
0,92 x 1,10
0,55 x 0,55
0,60 x 0,65
Power supply voltage (VDD-VSS) V
+ 5 V
+ 5 V
+ 5 V
+ 5 V
+ 5 V
+ 5 V
Current consumption
IDD
1,5
2,0
1,6
2,0
2,7
2,0
(mA,typ)
ILC *4
0,2
0,2
0,3
0,4
1,1
0,4
Driving method (duty)
1/16
1/16
1/16
1/16
1/16
1/16
KS0066
KS0066
KS0066
KS0066
KS0066
KS0066
Built-in LSI
or equivalent
MSM5839
MSM5839
MSM5839
KS0063
KS0063
or equivalent
or equivalent
or equivalent
or equivalent
or equivalent
Operating temperature (
°C)
normal temp.
0 to + 50
0 to + 50
0 to + 50
0 to + 50
0 to + 50
0 to + 50
wide temp. *2
- 20 to + 70
- 20 to + 70
- 20 to + 70
- 20 to + 70
- 20 to + 70
- 20 to + 70
Storage temperature (
°C)
normal temp.
- 20 to + 60
- 20 to + 60
- 20 to + 60
- 20 to + 60
- 20 to + 60
- 20 to + 60
wide temp.
- 30 to + 80
- 30 to + 80
- 30 to + 80
- 30 to + 80
- 30 to + 80
- 30 to + 80
Weight
Reflective
25
25
25
50
50
40
(g, typ.)
EL backlight
30
30
30
55
55
45
LED backlight
35
40
35
65
65
60
Model
5S
5S
5S
5C
5A
5A
Inverters
Power supply (V)
+ 5.0
+ 5,0
+ 5.0
+ 5.0
+ 5.0
+ 5.0
for EL
current consumption (mA) *3
10
10
10
35
45
45
Forward current
LED
consumption (mA)
100
112
100
240
200
154
backlight
Forward input voltage
(V,typ.)
+ 4,1
+ 4,1
+ 4,1
+ 4,1
+ 4,1
+ 4,1
*1 : Excluding cursor
H : Horizontal
V : Vertical
T : Thickness (max)
*2 : With external temperature compensation
*3 : Including EL backlight
*4 : Based on normal temperature range
Since our policy is one of continues improvements we reserve the right to change the specifications for the products in the catalogue w ithout notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com