Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RR-V8VC-16PR-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR-V8VC-16PR-R1
Description  Dual High airflow PWM fans with red LEDs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR-V8VC-16PR-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR-V8VC-16PR-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RR-V8VC-16PR-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cooler Master Horizontal Vapor Chamber
Technology – minimizes CPU hotspots and
spreads heat evenly to all heatpipes.
Triple Tower Heatsink with 8 High
Performance Heatpipes – Optimized for
maximum cooling performance.
Dual High airflow PWM fans with red LEDs.
Fan speed and resulting performance and
noise can be fine tuned and customized.
POM Bearing – Dustproof and longer lasting.
(up to 160,000 hours)
Universal Mounting System compatible with
all available Intel and AMD platforms.
The Cooler Master V8 GTS is the latest addition to Cooler
Masters famous V-series of Performance Heatsink
featuring a powerful car engine look. The V8 GTS features
a high performance horizontal vapor chamber. It spreads
heat up to 8x faster than Heatpipes which minimizes CPU
hotspots and quickly balances the heat load between all
heatpipes. As a result the V8 GTS features revolutionary
high efficiency and cooling performance.
CPU Socket Support
Intel® LGA 2011/1366/1156/1155/1150/775
AMD FM2/FM1/AM3+/AM3/AM2+/AM2
Dimensions
154 x 149.8 x 166.5mm (6.1 x 5.9 x 6.6 in)
Heatsink Dimensions
154 x 140 x 153.5mm (6.1 x 5.5 x 6.0 in)
Heatsink Material
Vapor Chamber / 8 Heat Pipes / Aluminum
Fins
Heatsink Weight
854g (1.9lb)
Heatpipe Dimensions
Ø6mm
Fan Dimensions
Ø 140 x 20 mm (5.5 x 0.8 inch)
Fan Speed
600 – 1,600 RPM (PWM) ± 10%
Fan Air Flow
28 – 82 CFM ± 10%
Fan Air Pressure
0. 3 – 1.45 mmH2O ± 10%
Fan Life Expectancy
160,000 hrs
Noise Level
16 ~36 dBA
Bearing Type
POM bearing – CM 4th Gen. Bearing
(*POM = Polyoxymethylene)
Connector
4-Pin
Rated Voltage
12 VDC
Rated Current
0.31A
Power Consumption
3.72W
Fan Weight
110g (0.24 lb) x 2
Weight
1140g (2.5 lb)
EAN Code
4719512041864
UPC Code
884102021039
Package Dimensions
183 x 179 x 216 mm
(7.2x 7.0 x 8.5 in)
Carton Dimensions
555 x 367x 240 mm
(21.9 x 14.4 x 9.4 in)
Unit / Carton
6
Carton / Pallet
32
V8 GTS
RR-V8VC-16PR-R1
2 years worldwide
Features
Specifications
Package Information
Warranty


Similar Part No. - RR-V8VC-16PR-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR-V211-15FK-R1 ETC2-RR-V211-15FK-R1 Datasheet
564Kb / 2P
Low profile design with only 58mm height
RR-V6GT-22PK-R1 ETC2-RR-V6GT-22PK-R1 Datasheet
577Kb / 3P
Engine oil cap controls the LED strip with color changing function
More results

Similar Description - RR-V8VC-16PR-R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6534 INTERSIL-ISL6534 Datasheet
612Kb / 26P
Dual PWM with Linear
December 21, 2004
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A Datasheet
1Mb / 8P
MEMS Airflow Sensor
logo
Honeywell Solid State E...
FSG15N1A HONEYWELL-FSG15N1A Datasheet
396Kb / 10P
Pressure Airflow Force
logo
List of Unclassifed Man...
AWM5104VN ETC2-AWM5104VN Datasheet
131Kb / 1P
MASS AIRFLOW SENSOR
logo
Panasonic Battery Group
PLCC PANASONICBATTERY-PLCC Datasheet
156Kb / 1P
High Brightness Red LEDs with a PLCC4 and PLCC6 Package!
logo
List of Unclassifed Man...
R9-NBC-A2HS-GP ETC2-R9-NBC-A2HS-GP Datasheet
280Kb / 2P
Dual 140mm fans with fan speed controller
R9-NBC-INEV-GP ETC2-R9-NBC-INEV-GP Datasheet
1Mb / 1P
Tow powerful yet quite 80mm blower fans provide superior airflow.
logo
Renesas Technology Corp
ISL6534 RENESAS-ISL6534 Datasheet
1Mb / 29P
Dual PWM with Linear
logo
SANYO DENKI CO., LTD.
9AT2560A-0001CS SANYODENKI-9AT2560A-0001CS Datasheet
1Mb / 4P
Airflow Tester
logo
Bel Fuse Inc.
ABC450 BEL-ABC450_V01 Datasheet
1Mb / 10P
450 W (with airflow), 300 W (without airflow)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com