Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6534 Datasheet (PDF) - Intersil Corporation

ISL6534 Datasheet PDF - Intersil Corporation
Part # ISL6534
Download  ISL6534 Download
File Size   612.13 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual PWM with Linear

ISL6534 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6534 Datasheet PDF - Intersil Corporation

Part # ISL6534
Download  ISL6534 Click to download

File Size   612.13 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual PWM with Linear

ISL6534 Datasheet (HTML) - Intersil Corporation


ISL6534 Product details

The ISL6534 is a versatile triple regulator that has two independent synchronous-rectified buck controllers with integrated 12V gate drivers (OUT1 and OUT2) and a linear controller (OUT3) to offer precision regulation of up to three voltage rails. An optional shunt regulator allows 12V only operation, when a 5V supply is not available.



Features

• Two Synchronous-Rectified Buck Controllers

   - Voltage Mode control

   - VIN range up to 12V

   - VOUT range from 0.6V to 6V

   - 12V LGATE drivers; up to 12V Boot Strap for UGATE

• Switcher References

   - 0.6V Reference for OUT1 (0.8% Accurate)

   - 3.3V Reference Output for OUT2 (0.8% Accurate)

   - External Reference Input for OUT2

   - Buffered VTT Reference Output

• Switcher clocking

   - Phase options for Optimal Clock Relationship

   - Resistor-Selectable Switching Frequency (300kHz default; Resistor to Ground for 300kHz to 1MHz range)

   - Synchronization-Capable Switching Frequency (Connect FS_SYNC to Separate Regulator)

• Single Linear Controller

   - Drives N-Channel MOSFET

   - 0.6V Reference (0.8% Accurate)

   - VIN range up to 12V

   - VOUT range from 0.6V to 6V

• 12V and 5V supplies required (but optional shunt regulator can generate VCC = 5.8V from 12V)

• Three Independent Soft-Start/Enable Pins

   - Gang Together or Control Independently

• PGOOD Output Indicates All Outputs Available

• Thermally Enhanced QFN or TSSOP Package

• QFN Package:

   - Compliant to JEDEC PUB95 MO-220 QFN

   - Quad Flat No Leads - Package Outline

   - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile

• Pb-Free Available (RoHS Compliant)



 




Similar Part No. - ISL6534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6534 RENESAS-ISL6534 Datasheet
1Mb / 29P
Dual PWM with Linear
ISL6534CR RENESAS-ISL6534CR Datasheet
1Mb / 29P
Dual PWM with Linear
ISL6534CRZ RENESAS-ISL6534CRZ Datasheet
1Mb / 29P
Dual PWM with Linear
ISL6534CV RENESAS-ISL6534CV Datasheet
1Mb / 29P
Dual PWM with Linear
ISL6534CVZ RENESAS-ISL6534CVZ Datasheet
1Mb / 29P
Dual PWM with Linear
More results


Similar Description - ISL6534

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1501 ONSEMI-NCP1501 Datasheet
161Kb / 14P
Dual Mode PWM/Linear Buck Converter
March, 2004 ??Rev. 7
logo
List of Unclassifed Man...
RT9229 ETC1-RT9229 Datasheet
219Kb / 10P
Advaced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
ISL6534 RENESAS-ISL6534 Datasheet
1Mb / 29P
Dual PWM with Linear
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com