Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/SS Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F84A-20/SS
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/SS Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F84A-20/SS Datasheet HTML 38Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 39Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 40Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 41Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 42Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 43Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 44Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 45Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
PIC16F84A
DS35007A-page 42
Preliminary
© 1998 Microchip Technology Inc.
TABLE 9-1
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16F84A-04
PIC16F84A-20
PIC16LF84A-04
RC
VDD:
4.0V to 5.5V
IDD:
4.5 mA max. at 5.5V
IPD:
14
µA max. at 4V, WDT dis
Freq: 4.0 MHz max. at 4V
VDD:
4.5V to 5.5V
IDD:
1.8 mA typ. at 5.5V
IPD:
1.0
µA typ. at 5.5V, WDT dis
Freq: 4..0 MHz max. at 4V
VDD:
2.0V to 5.5V
IDD:
4.5 mA max. at 5.5V
IPD:
7.0
µA max. at 2V WDT dis
Freq: 2.0 MHz max. at 2V
XT
VDD:
4.0V to 5.5V
IDD:
4.5 mA max. at 5.5V
IPD:
14
µA max. at 4V, WDT dis
Freq: 4.0 MHz max. at 4V
VDD:
4.5V to 5.5V
IDD:
1.8 mA typ. at 5.5V
IPD:
1.0
µA typ. at 5.5V, WDT dis
Freq: 4.0 MHz max. at 4.5V
VDD:
2.0V to 5.5V
IDD:
4.5 mA max. at 5.5V
IPD:
7.0
µA max. at 2V WDT dis
Freq: 2.0 MHz max. at 2V
HS
VDD:
4.5V to 5.5V
VDD:
4.5V to 5.5V
Do not use in HS mode
IDD:
4.5 mA typ. at 5.5V
IDD:
10 mA max. at 5.5V typ.
IPD:
1.0
µA typ. at 4.5V, WDT dis
IPD:
1.0
µA typ. at 4.5V, WDT dis
Freq: 4.0 MHz max. at 4.5V
Freq: 20 MHz max. at 4.5V
LP
VDD:
4.0V to 5.5V
IDD:
48
µA typ. at 32 kHz, 2.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 200 kHz max. at 4V
Do not use in LP mode
VDD:
2.0V to 5.5V
IDD:
45
µA max. at 32 kHz, 2.0V
IPD:
7
µA max. at 2.0V WDT dis
Freq: 200 kHz max. at 2V
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifica-
tions. It is recommended that the user select the device type that ensures the specifications required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com