Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/SS Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16F84A-20/SS
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/SS Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16F84A-20/SS Datasheet HTML 19Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 20Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 21Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 22Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 23Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 24Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 25Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 26Page - Microchip Technology PIC16F84A-20/SS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 23
6.2.3
RC OSCILLATOR
For timing insensitive applications the RC device option
offers additional cost savings. The RC oscillator
frequency is a function of the supply voltage, the
resistor (Rext) values, capacitor (Cext) values, and the
operating temperature. In addition to this, the oscillator
frequency will vary from unit to unit due to normal
process
parameter
variation.
Furthermore,
the
difference in lead frame capacitance between package
types also affects the oscillation frequency, especially
for low Cext values. The user needs to take into
account variation due to tolerance of the external
R and C components. Figure 6-4 shows how an R/C
combination is connected to the PIC16F84A.
FIGURE 6-4:
RC OSCILLATOR MODE
6.3
Reset
The PIC16F84A differentiates between various kinds
of reset:
• Power-on Reset (POR)
• MCLR reset during normal operation
• MCLR reset during SLEEP
• WDT Reset (during normal operation)
• WDT Wake-up (during SLEEP)
Figure 6-5 shows a simplified block diagram of the
on-chip reset circuit. The MCLR reset path has a noise
filter to ignore small pulses. The electrical specifica-
tions state the pulse width requirements for the MCLR
pin.
Some registers are not affected in any reset condition;
their status is unknown on a POR reset and unchanged
in any other reset. Most other registers are reset to a
“reset state” on POR, MCLR or WDT reset during
normal operation and on MCLR reset during SLEEP.
They are not affected by a WDT reset during SLEEP,
since this reset is viewed as the resumption of normal
operation.
Table 6-3 gives a description of reset conditions for the
program counter (PC) and the STATUS register.
Table 6-4 gives a full description of reset states for all
registers.
The TO and PD bits are set or cleared differently in dif-
ferent reset situations (Section 6.7). These bits are
used in software to determine the nature of the reset.
FIGURE 6-5:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
OSC2/CLKOUT
Cext
Rext
PIC16FXX
OSC1
Fosc/4
Internal
clock
VDD
VSS
Recommended values:
5 k
Ω ≤ Rext ≤ 100 kΩ
Cext > 20pF
S
R
Q
External
Reset
MCLR
VDD
OSC1/
WDT
Module
VDD rise
detect
OST/PWRT
On-chip
RC OSC(1)
WDT
Time_Out
Power_on_Reset
OST
10-bit Ripple counter
PWRT
Chip_Reset
10-bit Ripple counter
Reset
Enable OST
Enable PWRT
SLEEP
CLKIN
Note 1:
This is a separate oscillator from the
RC oscillator of the CLKIN pin.
See Table 6-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com