Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP421 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP421
Description  Photocoupler GaAs Ired & Photo - Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP421 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP421 Datasheet HTML 1Page - Toshiba Semiconductor TLP421 Datasheet HTML 2Page - Toshiba Semiconductor TLP421 Datasheet HTML 3Page - Toshiba Semiconductor TLP421 Datasheet HTML 4Page - Toshiba Semiconductor TLP421 Datasheet HTML 5Page - Toshiba Semiconductor TLP421 Datasheet HTML 6Page - Toshiba Semiconductor TLP421 Datasheet HTML 7Page - Toshiba Semiconductor TLP421 Datasheet HTML 8Page - Toshiba Semiconductor TLP421 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP421
2002-09-25
2
· Option(D4)type
TÜV approved: DIN VDE0884
Approved no.R9950202
Maximum operating insulation voltage: 890VPK
Maximu permissible overvoltage: 8000VPK
(Note): When a VDE0884 approved type is needed,
please designate the “Option(D4)”
Making the VDE applocation: DIN VDE0884
· Construction mechanical rating
7.62mm Pich
Typical Type
10.16mm Pich
TLPxxxF Type
Creepage distance
7.0mm(min)
8.0mm(min)
Clearance
7.0mm(min)
8.0mm(min)
Insulation thickness
0.4mm(min)
0.4mm(min)
Current Transfer Ratio
Current Transfer Ratio (%)
(IC / IF)
IF = 5mA, VCE = 5V, Ta = 25°C
Type
Classi
-
fication
(*1)
Min
Max
Marking Of Classification
(None)
50
600
Blank, Y, Y+, G, G+, B, B+, GB
Rank Y
50
150
Y, Y+
Rank GR
100
300
G, G+
Rank BL
200
600
B, B+
TLP421
Rank GB
100
600
G, G+, B, B+, GB
(*1): Ex. rank GB: TLP421 (GB)
(Note): Application type name for certification test, please use standard product type name, i. e.
TLP421 (GB): TLP421



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com