Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP421 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP421
Description  Photocoupler GaAs Ired & Photo - Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP421 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP421 Datasheet HTML 1Page - Toshiba Semiconductor TLP421 Datasheet HTML 2Page - Toshiba Semiconductor TLP421 Datasheet HTML 3Page - Toshiba Semiconductor TLP421 Datasheet HTML 4Page - Toshiba Semiconductor TLP421 Datasheet HTML 5Page - Toshiba Semiconductor TLP421 Datasheet HTML 6Page - Toshiba Semiconductor TLP421 Datasheet HTML 7Page - Toshiba Semiconductor TLP421 Datasheet HTML 8Page - Toshiba Semiconductor TLP421 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP421
2002-09-25
4
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.2
1.3
V
Reverse current
IR
VR = 5 V
―
―
10
µA
Capacitance
CT
V = 0, f = 1 MHz
―
30
―
pF
Collector
-emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
80
―
―
V
Emitter
-collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
―
―
V
VCE = 24 V (ambient light
below 1000 ℓx)
―
0.01
(0.1)
0.1
(10)
µA
Collector dark current
ID(ICEO)
VCE = 24 V (ambient light
Ta = 85°C
below 1000 ℓx)
―
0.6
(1)
50
(50)
µA
Capacitance
(collector to emitter)
CCE
V = 0, f = 1 MHz
―
10
―
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn
Typ.
Max
Unit
50
―
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
―
600
%
―
60
―
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
―
―
%
IC = 2.4 mA, IF = 8 mA
―
―
0.4
―
0.2
―
Collector
-emitter saturation
voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
―
―
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
―
0.8
―
pF
Isolation resistance
RS
VS = 500 V
1×10
12
10
14
―
Ω
AC, 1 minute
5000
―
―
AC, 1 second, in oil
―
10000
―
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
―
10000
―
Vdc



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com