Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM70
Description  LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM70 Datasheet(HTML) 2 Page - Texas Instruments

  LM70 Datasheet HTML 1Page - Texas Instruments LM70 Datasheet HTML 2Page - Texas Instruments LM70 Datasheet HTML 3Page - Texas Instruments LM70 Datasheet HTML 4Page - Texas Instruments LM70 Datasheet HTML 5Page - Texas Instruments LM70 Datasheet HTML 6Page - Texas Instruments LM70 Datasheet HTML 7Page - Texas Instruments LM70 Datasheet HTML 8Page - Texas Instruments LM70 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM70
SNIS112G – JUNE 2000 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagram
Top View
Top View
Figure 1. VSSOP-8 Package
Figure 2. WSON-8 Package
See Package Number DGK0008A
See Package Number NGK0008A
PIN DESCRIPTIONS
VSSOP-8
WSON-8
Pin Name
Description
Typical Connection
Pin No.
Pin No.
SI/O
1
1
Input/Output - Serial bus bi-directional data line.
From and to Controller
Schmitt trigger input.
SC
2
3
Clock - Serial bus clock Schmitt trigger input line.
From Controller
GND
4
7
Power Supply Ground
Ground
V+
5
5
Positive Supply Voltage Input
DC Voltage from 2.65V to 5.5V. Bypass with a
0.1
μF ceramic capacitor.
CS
7
8
Chip Select input.
From Controller
NC
3, 6, 8
2, 4, 6
No Connect
These pins are not connected to the LM70 die
in any way.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com