Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM70
Description  LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM70 Datasheet(HTML) 1 Page - Texas Instruments

  LM70 Datasheet HTML 1Page - Texas Instruments LM70 Datasheet HTML 2Page - Texas Instruments LM70 Datasheet HTML 3Page - Texas Instruments LM70 Datasheet HTML 4Page - Texas Instruments LM70 Datasheet HTML 5Page - Texas Instruments LM70 Datasheet HTML 6Page - Texas Instruments LM70 Datasheet HTML 7Page - Texas Instruments LM70 Datasheet HTML 8Page - Texas Instruments LM70 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM70
www.ti.com
SNIS112G – JUNE 2000 – REVISED MARCH 2013
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
Check for Samples: LM70
1
FEATURES
DESCRIPTION
2
0.25°C Temperature Resolution.
The LM70 is a temperature sensor, Delta-Sigma
Shutdown Mode Conserves Power Between
analog-to-digital
converter
with
an
SPI
and
Temperature Reading
MICROWIRE compatible interface available in WSON
SPI and MICROWIRE Bus Interface
and VSSOP 8-pin packages. The host can query the
LM70 at any time to read temperature. A shutdown
VSSOP-8 and WSON-8 Packages Save Space
mode decreases power consumption to less than 10
UL Recognized Component
µA. This mode is useful in systems where low
average power consumption is critical.
APPLICATIONS
The LM70 has 10-bit plus sign temperature resolution
System Thermal Management
(0.25°C per LSB) while operating over a temperature
Personal Computers
range of
−55°C to +150°C.
Disk Drives
The LM70's 2.65V to 5.5V supply voltage range, low
Office Electronics
supply current and simple SPI interface make it ideal
for a wide range of applications. These include
Electronic Test Equipment
thermal management and protection applications in
hard disk drives, printers, electronic test equipment,
KEY SPECIFICATIONS
and office electronics.
Supply Voltage 2.65V to 5.5V
Supply Current
Operating
260
μA (typ)
490
μA (max)
Shutdown
12
μA (typ)
Temperature Accuracy
−40°C to 85°C, ±2°C(max)
−10°C to 65°C, +1.5/−2°C(max)
−55°C to 125°C, +3/−2°C(max)
−55°C to 150°C, +3.5/−2°C(max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM70 NSC-LM70 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
logo
Texas Instruments
LM70 TI2-LM70 Datasheet
793Kb / 23P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
REVISED MARCH 2013
logo
Sanyo Semicon Device
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
Direct PLL Frequency Synthesizer for Electronic Tuning
LM7000N SANYO-LM7000N Datasheet
178Kb / 7P
Direct PLL Frequency Synthesizer for Electronic Tuning
More results

Similar Description - LM70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM74A NSC-LM74A Datasheet
605Kb / 12P
SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com