Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM82 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 3 Page - Texas Instruments

  LM82 Datasheet HTML 1Page - Texas Instruments LM82 Datasheet HTML 2Page - Texas Instruments LM82 Datasheet HTML 3Page - Texas Instruments LM82 Datasheet HTML 4Page - Texas Instruments LM82 Datasheet HTML 5Page - Texas Instruments LM82 Datasheet HTML 6Page - Texas Instruments LM82 Datasheet HTML 7Page - Texas Instruments LM82 Datasheet HTML 8Page - Texas Instruments LM82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM82
www.ti.com
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
Typical Application
PIN DESCRIPTIONS
Label
Pin #
Function
Typical Connection
floating, unconnected
Left floating. PC board traces may be routed through the pads
NC
1, 5
for these pins. No restrictions applied.
VCC
2
Positive Supply Voltage Input
DC Voltage from 3.0 V to 3.6 V
Diode Current Source
To Diode Anode. Connected to remote discrete diode junction
D+
3
or to the diode junction on a remote IC whose die temperature
is being sensed. When not used they should be left floating.
D
−
4
Diode Return Current Sink
To Diode Cathode. Must float when not used.
User-Set SMBus (I2C) Address
Ground (Low, “0”), VCC (High, “1”) or open (“TRI-LEVEL”)
ADD0–ADD1
10, 6
Inputs
GND
7, 8
Power Supply Ground
Ground
Manufacturing test pins.
Left floating. PC board traces may be routed through the pads
for these pins, although the components that drive these traces
NC
9, 13, 15
should share the same supply as the LM82 so that the
Absolute Maximum Rating, Voltage at Any Pin, is not violated.
INT
11
Interrupt Output, open-drain
Pull Up Resistor, Controller Interrupt or Alert Line
SMBus (I2C) Serial Bi-
From and to Controller, Pull-Up Resistor
SMBData
12
Directional Data Line, open-
drain output
SMBCLK
14
SMBus (I2C) Clock Input
From Controller, Pull-Up Resistor
Critical Temperature Alarm,
Pull Up Resistor, Controller Interrupt Line or System Shutdown
T_CRIT_A
16
open-drain output
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com