Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM82 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 1 Page - Texas Instruments

  LM82 Datasheet HTML 1Page - Texas Instruments LM82 Datasheet HTML 2Page - Texas Instruments LM82 Datasheet HTML 3Page - Texas Instruments LM82 Datasheet HTML 4Page - Texas Instruments LM82 Datasheet HTML 5Page - Texas Instruments LM82 Datasheet HTML 6Page - Texas Instruments LM82 Datasheet HTML 7Page - Texas Instruments LM82 Datasheet HTML 8Page - Texas Instruments LM82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM82
www.ti.com
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
Check for Samples: LM82
1
FEATURES
DESCRIPTION
The LM82 is a digital temperature sensor with a 2
2
•
Accurately Senses Die Temperature of Remote
wire serial interface that senses the voltage and thus
ICs, or Diode Junctions
the temperature of a remote diode using a Delta-
•
On-board Local Temperature Sensing
Sigma analog-to-digital converter with a digital over-
•
SMBus and I2C Compatible Interface, Supports
temperature detector. The LM82 accurately senses
its own temperature as well as the temperature of
SMBus 1.1 TIMEOUT
external devices, such as Pentium II Processors or
•
Two Interrupt Outputs: INT and T_CRIT_A
diode connected 2N3904s. The temperature of any
•
Register Readback Capability
ASIC can be detected using the LM82 as long as a
•
7 bit Plus Sign Temperature Data Format, 1°C
dedicated diode (semiconductor junction) is available
on the die. Using the SMBus interface a host can
Resolution
access the LM82's registers at any time. Activation of
•
2 Address Select Pins Allow Connection of 9
a T_CRIT_A output occurs when any temperature is
LM82s on a Single Bus
greater
than
a
programmable
comparator
limit,
T_CRIT. Activation of an INT output occurs when any
APPLICATIONS
temperature
is
greater
than
its
corresponding
programmable comparator HIGH limit.
•
System Thermal Management
•
Computers
The host can program as well as read back the state
of the T_CRIT register and the 2 T_HIGH registers.
•
Electronic Test Equipment
Three state logic inputs allow two pins (ADD0, ADD1)
•
Office Electronics
to select up to 9 SMBus address locations for the
•
HVAC
LM82. The sensor powers up with default thresholds
of 127°C for T_CRIT and all T_HIGHs. The LM82 is
KEY SPECIFICATIONS
pin for pin and register compatible with the LM84,
Maxim MAX1617 and Analog Devices ADM1021.
•
Supply Voltage: 3.0 to 3.6V
•
Supply Current: 0.8mA (max)
•
Local Temp Accuracy (includes quantization
error):
–
0 to +85 ±3.0°C (max)
•
Remote Diode Temp Accuracy (includes
quantization error):
–
+25°C to +100°C ±3°C (max)
–
0°C to +125°C ±4°C (max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI2-LM82 Datasheet
1Mb / 26P
LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
REVISED MARCH 2013
logo
Shanghai Leiditech Elec...
LM8205D LEIDITECH-LM8205D Datasheet
853Kb / 4P
Dual N-Channel 20V,SOT-26 M0SFET
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
More results

Similar Description - LM82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM83 NSC-LM83 Datasheet
331Kb / 20P
Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com