Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM83 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM83
Description  Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM83 Datasheet(HTML) 5 Page - Texas Instruments

  LM83 Datasheet HTML 1Page - Texas Instruments LM83 Datasheet HTML 2Page - Texas Instruments LM83 Datasheet HTML 3Page - Texas Instruments LM83 Datasheet HTML 4Page - Texas Instruments LM83 Datasheet HTML 5Page - Texas Instruments LM83 Datasheet HTML 6Page - Texas Instruments LM83 Datasheet HTML 7Page - Texas Instruments LM83 Datasheet HTML 8Page - Texas Instruments LM83 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.3 V to 6.0 V
Voltage at Any Pin
−0.3 V to
(V
CC + 0.3 V)
D− Input Current
±1mA
Input Current at All Other Pins (Note
2)
5 mA
Package Input Current (Note 2)
20 mA
SMBData, T_CRIT_A, INT Output
Sink Current
10 mA
SMBCLK, SMBData, T_CRIT_A, INT
Output Voltage
6.0 V
Storage Temperature
−65˚C to +150˚C
Soldering Information, Lead Temperature
QSOP Package (Note 3)
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD Susceptibility (Note 4)
Human Body Model
2000 V
Machine Model
200 V
Operating Ratings
(Notes 1, 5)
Specified Temperature Range
T
MIN to TMAX
LM83
−40˚C to +125˚C
Supply Voltage Range (V
CC)
+3.0V to +3.6V
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
CC=+3.0Vdc to 3.6Vdc. Boldface limits apply for TA =TJ =TMIN to
T
MAX; all other limits TA=TJ=+25˚C, unless otherwise noted.
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
Temperature Error using Local
Diode ((Note 8))
T
A = 0 ˚C to +85˚C,
V
CC=+3.3V
±1
±3
˚C (max)
T
A = −40 ˚C to +125˚C,
V
CC=+3.3V
±4
˚C (max)
Temperature Error using Remote
Diode ((Note 8))
T
A = +60 ˚C to +100˚C,
V
CC=+3.3V
±3
˚C (max)
T
A = 25 ˚C to +100˚C,
V
CC=+3.3V
±3
˚C (max)
T
A = 0 ˚C to +125˚C,
V
CC=+3.3V
±4
˚C (max)
Diode Channel to Channel Matching
0
˚C
Resolution
8
Bits
1˚C
Conversion Time of All
Temperatures
(Note 10)
460
600
ms (max)
Quiescent Current (Note 9)
SMBus (I
2C) Inactive
0.500
0.80
mA (max)
D− Source Voltage
0.7
V
Diode Source Current
(D+ − D−)=+ 0.65V; high
level
125
µA (max)
60
µA (min)
Low level
15
µA (max)
5
µA (min)
T_CRIT_A and INT Output
Saturation Voltage
I
OUT = 3.0 mA
0.4
V (max)
Power-On Reset Threshold
On V
CC input, falling
edge
2.3
1.8
V (max)
V (min)
Local and Remote T_CRIT and
HIGH Default Temperature settings
(Note 11)
+127
˚C
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com