Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM83 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM83
Description  Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM83 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM83 Datasheet HTML 5Page - Texas Instruments LM83 Datasheet HTML 6Page - Texas Instruments LM83 Datasheet HTML 7Page - Texas Instruments LM83 Datasheet HTML 8Page - Texas Instruments LM83 Datasheet HTML 9Page - Texas Instruments LM83 Datasheet HTML 10Page - Texas Instruments LM83 Datasheet HTML 11Page - Texas Instruments LM83 Datasheet HTML 12Page - Texas Instruments LM83 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Logic Electrical Characteristics (Continued)
Note 6: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The Temperature Error will vary less than ±1.0 ˚C for a variation in VCC of3Vto3.6V from the nominal of 3.3 V.
Note 9: Quiescent current will not increase substantially with an active SMBus.
Note 10: This specification is provided only to indicate how often temperature data is updated. The LM83 can be read at any time without regard to conversion state
(and will yield last conversion result).
Note 11: Default values set at power up.
Note 12: Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will cause the LM83 to reset SMBData and SMBCLK to the IDLE
state of an SMBus communication (SMBCLK and SMBData set High).
1.0 Functional Description
The LM83 temperature sensor incorporates a band-gap type
temperature sensor using a Local or three Remote diodes
and an 8-bit ADC (Delta-Sigma Analog-to-Digital Converter).
The LM83 is compatible with the serial SMBus and I
2C two
wire interfaces. Digital comparators compare Local (LT) and
Remote (D1RT, D2RT and D3RT) temperature readings to
user-programmable
setpoints
(LHS,
D1RHS,
D2RHS,
D3RHS and TCS). Activation of the INT output indicates that
a comparison is greater than the limit preset in a HIGH reg-
ister. The T_CRIT setpoint (TCS) interacts with all the tem-
perature readings. Activation of the T_CRIT_A output indi-
cates that any or all of the temperature readings have
exceed the T_CRIT setpoint.
1.1 CONVERSION SEQUENCE
The LM83 converts its own temperature as well as 3 remote
diode temperatures in the following sequence:
1.
Local Temperature (LT)
1.
Remote Diode 2 (D2RT)
2.
Remote Diode 1 (D1RT)
3.
Remote Diode 3 (D3RT)
This round robin sequence takes approximately 480 ms to
complete as each temperature is digitized in approximately
120 ms.
1.2 INT OUTPUT and T_HIGH LIMITS
Each temperature reading (LT, D1RT, D2RT, and D3RT) is
associated with a T_HIGH setpoint register (LHS, D1RHS,
D2RHS, D3RHS). At the end of a temperature reading a digi-
tal comparison determines whether that reading has exceed
its HIGH setpoint. If the temperature reading is greater than
the HIGH setpoint, a bit is set in one of the Status Registers,
to indicate which temperature reading, and the INT output is
activated.
Local and remote temperature diodes are sampled in se-
quence by the A/D converter. The INT output and the Status
DS101058-5
FIGURE 2. Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
DS101058-24
FIGURE 3. Printed Circuit Board Used for Thermal Resistance Specifications
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com