Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM99 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM99
Description  LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM99 Datasheet(HTML) 1 Page - Texas Instruments

  LM99 Datasheet HTML 1Page - Texas Instruments LM99 Datasheet HTML 2Page - Texas Instruments LM99 Datasheet HTML 3Page - Texas Instruments LM99 Datasheet HTML 4Page - Texas Instruments LM99 Datasheet HTML 5Page - Texas Instruments LM99 Datasheet HTML 6Page - Texas Instruments LM99 Datasheet HTML 7Page - Texas Instruments LM99 Datasheet HTML 8Page - Texas Instruments LM99 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM99
www.ti.com
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-
Wire Interface
Check for Samples: LM99
1
FEATURES
DESCRIPTION
The LM99 is an 11-bit remote diode temperature
2
Accurately Senses the Temperature of Remote
sensor with a 2-wire System Management Bus
Diodes
(SMBus)
serial
interface.
The
LM99
accurately
Offset Register Allows Use of a Variety of
measures: (1) its own temperature and (2) the
Thermal Diodes
temperature of a remote diode-connected transistor
such as the 2N3904 or a thermal diode commonly
On-board Local Temperature Sensing
found on Graphics Processor Units (GPU), Computer
10 Bit Plus Sign Remote Diode Temperature
Processor Units (CPU or other ASICs. The LM99
Data Format, 0.125 °C Resolution
remote
diode
temperature
sensor
shifts
the
T_CRIT_A Output Useful for System Shutdown
temperature from the remote sensor down 16°C and
operates on that shifted temperature:
ALERT Output Supports SMBus 2.0 Protocol
SMBus 2.0 Compatible Interface, Supports
TACTUAL DIODE JUNCTION = TLM99 + 16°C
TIMEOUT
The local temperature reading requires no offset.
8-Pin VSSOP Package
The LM99 has an Offset Register which provides a
means for precise matching to various thermal
APPLICATIONS
diodes.
Graphics Processor Thermal Management
The LM99 and LM99-1 have the same functions but
Computer Processor Thermal Management
different SMBus slave addresses. This allows for one
Electronic Test Equipment
of each to be on the same bus at the same time.
Office Electronics
Activation of the ALERT output occurs when any
temperature goes outside a preprogrammed window
KEY SPECIFICATIONS
set by the HIGH and LOW temperature limit registers
or exceeds the T_CRIT temperature limit. Activation
Supply Voltage 3.0 V to 3.6 V
of the T_CRIT_A occurs when any temperature
Supply Current 0.8 mA (typ)
exceeds the T_CRIT programmed limit.
Local Temp Accuracy
(Includes Quantization error)
TA = 25°C to 125°C ±3.0°C (Max)
Remote Diode Temp Accuracy
(Includes Quantization Error)
TA = 30°C to 50°C, TD = 120°C to 140°C
±1.0°C (Max)
TA = 0°C to 85°C, TD = 25°C to 140°C ±3.0°C
(Max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM99

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM99 NSC-LM99 Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM99 TI2-LM99 Datasheet
707Kb / 30P
LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
REVISED MARCH 2013
logo
National Semiconductor ...
LM99-1CIMM NSC-LM99-1CIMM Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM99-1CIMM/NOPB TI2-LM99-1CIMM/NOPB Datasheet
707Kb / 30P
LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
REVISED MARCH 2013
LM99-1CIMM/NOPB.A TI2-LM99-1CIMM/NOPB.A Datasheet
707Kb / 30P
LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
REVISED MARCH 2013
More results

Similar Description - LM99

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 NSC-LM99 Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com