Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF3442VT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MGSF3442VT1
Description  N?묬hannel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF3442VT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MGSF3442VT1 Datasheet HTML 1Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 2Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 3Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 4Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 5Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 6Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 7Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MGSF3442VT1
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus Drain Current
Figure 4. Capacitance
Figure 5. Gate Charge
Figure 6. On−Resistance versus Junction
Temperature
3.0
0
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
20
16
8.0
12
VGS, GATE−TO−SOURCE VOLTAGE (V)
0
8.0
4.0
0
0
ID, DRAIN CURRENT (A)
0.14
0.12
0.10
0.08
0.06
0
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
4.0
0
1200
1000
800
600
0
8.0
20
4.0
0
Qg, TOTAL GATE CHARGE (nC)
5.0
3.0
2.0
1.0
0
TJ, JUNCTION TEMPERATURE (°C)
−25
100
−50
1.8
1.6
1.2
1.0
0.8
0.6
50
2.0
4.0
0
1.0
2.0
4.0
5.0
1.0
2.0
2.5
3.0
12
16
20
4.0
8.0
12
16
12
16
20
6.0
8.0
4.0
0
25
125
150
75
400
200
1.4
VGS = 4.5 V
4.0 V
3.5 V
3.0 V
1.5 V
2.0 V
VGS = 2.5 V
VGS = 4.5 V
VDS = 10 V
ID = 4.0 A
VGS = 4.5 V
ID = 4.0 A
Ciss
Coss
Crss
TC = −55°C
125
°C
25
°C
0.04
0.02
1.5
0.5
2.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com