Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF3442VT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MGSF3442VT1
Description  N?묬hannel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF3442VT1 Datasheet(HTML) 4 Page - ON Semiconductor

  MGSF3442VT1 Datasheet HTML 1Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 2Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 3Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 4Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 5Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 6Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 7Page - ON Semiconductor MGSF3442VT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MGSF3442VT1
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 7. Source−Drain Diode Forward Voltage
Figure 8. On−Resistance versus
Gate−to−Source Voltage
Figure 9. Threshold Voltage
Figure 10. Single Pulse Power
Figure 11. Normalized Thermal Transient Impedance, Junction−to−Ambient
0.75
0
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
20
10
VGS, GATE−TO−SOURCE VOLTAGE (V)
0
0.08
0.04
0
−50
TJ, TEMPERATURE (°C)
0.2
0.1
0
−0.3
TIME (sec)
0.1
0.01
20
16
12
8.0
0
150
1.0
0.25
0.50
1.00
1.25
2.0
4.0
6.0
8.0
0.12
0.16
0.20
−25
0
25
50
1.0
10
4.0
1.50
TJ = 150°C
TJ = 25°C
ID = 4.0 A
−0.4
75
100
125
ID = 250 mA
SQUARE WAVE PULSE DURATION (sec)
0.0001
0.01
0.1
1.0
10
30
0.1
0.01
2.0
1.0
0.001
1. DUTY CYCLE, D = t1/t2
2. PER UNIT BASE =
2. RthJA = 62.5°C/W
3. TJM − TA = PDMZthJA(t)
4. SURFACE MOUNTED
PDM
t1
t2
NOTES:
−0.1
−0.2
SINGLE PULSE
DUTY CYCLE = 0.5
0.02
0.05
0.1
0.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com