Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C01HDR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMDF2C01HDR2
Description  Complementary SO??, Dual Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C01HDR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MMDF2C01HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MMDF2C01HD
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
N−Channel
P−Channel
TJ = 25°C
VGS = 2.7 V
4.5 V
02
4
8
0.03
0.04
0.05
0.06
0.07
02
4
8
0.030
0.035
0.040
0.050
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Gate−To−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
TJ = 25°C
ID = 2 A
6
−50
−25
0
25
50
75
100
125
150
0.045
6
02
4
8
0.1
0.20
0.25
0.30
0.35
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
ID = 1 A
6
0.15
Figure 3. On−Resistance versus
Gate−To−Source Voltage
0
0.8
1.6
4
0.10
0.15
0.20
0.30
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
TJ = 25°C
VGS = 2.7 V
4.5 V
0.25
2.4
3.2
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
−50
−25
0
25
50
75
100
125
150
0
0.5
1
2
1.5
VGS = 4.5 V
ID = 2 A
0
0.5
1
2
1.5
VGS = 4.5 V
ID = 4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com