Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C01HDR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF2C01HDR2
Description  Complementary SO??, Dual Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C01HDR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF2C01HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF2C01HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2000
September, 2004 − Rev. XXX
1
Publication Order Number:
MMDF2C01HD/D
MMDF2C01HD
Preferred Device
Power MOSFET
2 Amps, 12 Volts
Complementary SO−8, Dual
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain−to−source diode has a very low reverse recovery time.
MiniMOS
t devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc−dc converters, and power management in portable
and battery powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor controls
in mass storage products such as disk drives and tape drives.
• Ultra Low R
DS(on) Provides Higher Efficiency and Extends
Battery Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• I
DSS Specified at Elevated Temperature
• Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1.)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
N−Channel
P−Channel
VDSS
20
12
Vdc
Gate−to−Source Voltage
VGS
± 8.0
Vdc
Drain Current − Continuous
N−Channel
P−Channel
− Pulsed
N−Channel
P−Channel
ID
IDM
5.2
3.4
48
17
A
Operating and Storage Temperature Range
TJ and
Tstg
− 55 to
150
°C
Total Power Dissipation @ TA= 25°C
(Note 2.)
PD
2.0
Watts
Thermal Resistance − Junction to Ambient
(Note 2.)
RθJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds.
TL
260
°C
1. Negative signs for P−Channel device omitted for clarity.
2. Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided) with
one die operating, 10 sec. max.
N−Source
1
2
3
4
8
7
6
5
Top View
N−Gate
P−Source
P−Gate
N−Drain
N−Drain
P−Drain
P−Drain
2 AMPERES
12 VOLTS
RDS(on) = 45 mW (N−Channel)
RDS(on) = 180 mW (P−Channel)
Device
Package
Shipping
ORDERING INFORMATION
MMDF2C01HDR2
SO−8
2500 Tape & Reel
http://onsemi.com
D
S
G
P−Channel
D
S
G
N−Channel
SO−8, Dual
CASE 751
STYLE 14
LYWW
MARKING
DIAGRAM
D2C01
D2C01 = Device Code
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
1
8
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MMDF2C01HDR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
More results

Similar Description - MMDF2C01HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF2C03HD ONSEMI-MMDF2C03HD Datasheet
116Kb / 10P
Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
February, 2006 ??Rev. 7
MMDF2P01HD ONSEMI-MMDF2P01HD Datasheet
260Kb / 12P
P?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF3N06HD ONSEMI-MMDF3N06HD Datasheet
276Kb / 12P
N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
Complementary Dual CPH6 Power MOSFET
June, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
Power MOSFET Complementary Dual
July, 2013
FW389 ONSEMI-FW389 Datasheet
738Kb / 8P
Complementary Dual Power MOSFET
February, 2014
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
Complementary Dual Power MOSFET
August, 2013
MCH6660 ONSEMI-MCH6660 Datasheet
769Kb / 8P
Complementary Dual Power MOSFET
December 2014 - Rev. 2
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
Complementary Dual Power MOSFET
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com