Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF5N02Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF5N02Z
Description  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF5N02Z Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF5N02Z Datasheet HTML 1Page - ON Semiconductor MMDF5N02Z Datasheet HTML 2Page - ON Semiconductor MMDF5N02Z Datasheet HTML 3Page - ON Semiconductor MMDF5N02Z Datasheet HTML 4Page - ON Semiconductor MMDF5N02Z Datasheet HTML 5Page - ON Semiconductor MMDF5N02Z Datasheet HTML 6Page - ON Semiconductor MMDF5N02Z Datasheet HTML 7Page - ON Semiconductor MMDF5N02Z Datasheet HTML 8Page - ON Semiconductor MMDF5N02Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. XXX
1
Publication Order Number:
MMDF5N02Z/D
MMDF5N02Z
Power MOSFET
5 Amps, 20 Volts
N−Channel SO−8, Dual
EZFETs
t are an advanced series of Power MOSFETs which con-
tain monolithic back−to−back zener diodes. These zener diodes pro-
vide protection against ESD and unexpected transients. These
miniature surface mount MOSFETs feature low RDS(on) and true logic
level performance. They are capable of withstanding high energy in
the avalanche and commutation modes and the drain−to−source diode
has a very low reverse recovery time. EZFET devices are designed for
use in low voltage, high speed switching applications where power ef-
ficiency is important.
• Zener Protected Gates Provide Electrostatic Discharge Protection
• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 12
Vdc
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 70°C
Drain Current − Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
5.0
4.5
40
Adc
Apk
Total Power Dissipation @ TA = 25°C (Note 1.)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
−55
to 150
°C
Thermal Resistance − Junction to Ambient
RθJA
62.5
°C/W
Maximum Temperature for Soldering
TL
260
°C
1. When mounted on 1 inch square FR−4 or G−10 board
(VGS = 4.5 V, @ 10 Seconds).
D
S
G
Source−1
1
2
3
4
8
7
6
5
Top View
Gate−1
Source−2
Gate−2
Drain−1
Drain−1
Drain−2
Drain−2
1
8
5 AMPERES
20 VOLTS
RDS(on) = 40 mΩ
Device
Package
Shipping
ORDERING INFORMATION
MMDF5N02ZR2
SO−8
2500 Tape & Reel
SO−8, Dual
CASE 751
STYLE 11
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
5N02Z
5N02Z
= Device Code
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT


Similar Part No. - MMDF5N02Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
More results

Similar Description - MMDF5N02Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com