Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF5N02Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF5N02Z
Description  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF5N02Z Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF5N02Z Datasheet HTML 1Page - ON Semiconductor MMDF5N02Z Datasheet HTML 2Page - ON Semiconductor MMDF5N02Z Datasheet HTML 3Page - ON Semiconductor MMDF5N02Z Datasheet HTML 4Page - ON Semiconductor MMDF5N02Z Datasheet HTML 5Page - ON Semiconductor MMDF5N02Z Datasheet HTML 6Page - ON Semiconductor MMDF5N02Z Datasheet HTML 7Page - ON Semiconductor MMDF5N02Z Datasheet HTML 8Page - ON Semiconductor MMDF5N02Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMDF5N02Z
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
0
0.4
1.6
2
0
2
6
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0.07
0.01
0
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1
100
Figure 5. On−Resistance Variation
with Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS ≥ 10 V
TJ = −55°C
25
°C
100
°C
0.06
8
4
0.02
TJ = 25°C
4
8
1
2
1
1.5
2
2.5
0.04
02
4
8
1
10
0
2.5
5
7.5
15
2.7 V
10
12.5
0
0.02
0.04
6
34
8
6
5
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
6
4.5 V
VGS = 2.7 V
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
0
0.4
0.8
1.2
1.6
VGS = 4.5 V
ID = 2.5 A
125
75
25
−25
VGS = 0 V
TJ = 125°C
100
°C
1.2
10
2.0 V
1.7 V
1.8 V
4.5 V
VGS = 12 V
ID = 5 A
TJ = 25°C
1.9 V
0.5
0
2
0.01
0.03
0.05
1000
0.8
2.3 V
1.6 V
1.5 V
5
3
7
TJ = 25°C
0.03
0.05
7
35
7
0.06
0.07
0.08
0.2
0.6
1
1.4
0.1
10000
25
°C
17.5
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com