Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF7N02Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF7N02Z
Description  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF7N02Z Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF7N02Z Datasheet HTML 1Page - ON Semiconductor MMDF7N02Z Datasheet HTML 2Page - ON Semiconductor MMDF7N02Z Datasheet HTML 3Page - ON Semiconductor MMDF7N02Z Datasheet HTML 4Page - ON Semiconductor MMDF7N02Z Datasheet HTML 5Page - ON Semiconductor MMDF7N02Z Datasheet HTML 6Page - ON Semiconductor MMDF7N02Z Datasheet HTML 7Page - ON Semiconductor MMDF7N02Z Datasheet HTML 8Page - ON Semiconductor MMDF7N02Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
September, 2004 − Rev. XXX
1
Publication Order Number:
MMDF7N02Z/D
MMDF7N02Z
Power MOSFET
7 Amps, 20 Volts
N−Channel SO−8, Dual
EZFETs
t are an advanced series of Power MOSFETs which
contain monolithic back−to−back zener diodes. These zener diodes
provide protection against ESD and unexpected transients. These
miniature surface mount MOSFETs feature ultra low RDS(on) and true
logic level performance. They are capable of withstanding high energy
in the avalanche and commutation modes and the drain−to−source
diode has a very low reverse recovery time. EZFET devices are
designed for use in low voltage, high speed switching applications
where power efficiency is important. Typical applications are dc−dc
converters, and power management in portable and battery powered
products such as computers, printers, cellular and cordless phones.
They can also be used for low voltage motor controls in mass storage
products such as disk drives and tape drives.
• Zener Protected Gates Provide Electrostatic Discharge Protection
• Designed to Withstand 200 V Machine Model and 2000 V Human
Body Model
• Ultra Low R
DS(on) Provides Higher Efficiency and Extends Battery
Life
• Logic Level Gate Drive − Can be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode is Characterized for use in Bridge Circuits
• Diode Exhibits High Speed, with Soft Recovery
• I
DSS Specified at Elevated Temperature
• Mounting Information for SO−8 Package Provided
D
S
G
Source−1
1
2
3
4
8
7
6
5
Top View
Gate−1
Source−2
Gate−2
Drain−1
Drain−1
Drain−2
Drain−2
1
8
7 AMPERES
20 VOLTS
RDS(on) = 27 mΩ
Device
Package
Shipping
ORDERING INFORMATION
MMDF7N02ZR2
SO−8
2500 Tape & Reel
SO−8, Dual
CASE 751
STYLE 11
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
7N02Z
7N02Z
= Device Code
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT


Similar Part No. - MMDF7N02Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
logo
ON Semiconductor
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
More results

Similar Description - MMDF7N02Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com