Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF7N02Z Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDF7N02Z
Description  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF7N02Z Datasheet(HTML) 4 Page - ON Semiconductor

  MMDF7N02Z Datasheet HTML 1Page - ON Semiconductor MMDF7N02Z Datasheet HTML 2Page - ON Semiconductor MMDF7N02Z Datasheet HTML 3Page - ON Semiconductor MMDF7N02Z Datasheet HTML 4Page - ON Semiconductor MMDF7N02Z Datasheet HTML 5Page - ON Semiconductor MMDF7N02Z Datasheet HTML 6Page - ON Semiconductor MMDF7N02Z Datasheet HTML 7Page - ON Semiconductor MMDF7N02Z Datasheet HTML 8Page - ON Semiconductor MMDF7N02Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MMDF7N02Z
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
10,000
1000
0.1
1.0
10
100
16
12
8.0
0
4.0
2.0
1.5
1.0
0
0.5
10
8.0
6.0
4.0
0
2.0
0
0.01
0.02
0.03
0.04
0.05
10
8.0
6.0
4.0
0
0.01
0.02
0.03
0.04
15
0.05
2.5
2.0
1.5
1.0
0.5
0
12
15
9.0
6.0
0
3.0
12
2.0
1.5
1.0
0.5
0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
TJ, JUNCTION TEMPERATURE (_C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 100_C
25
_C
−55
_C
TJ = 25_C
VGS = 0 V
ID = 7.0 A
TJ = 25_C
VGS = 2.7 V
VGS = 4.5 V
ID = 3.5 A
4.5 V
− 50
− 25
0
25
50
75
100
125
150
TJ = 125_C
25
_C
100
_C
10 V
1.9 V
VGS = 1.7 V
2.3 V
4.5 V
TJ = 25_C
2.1 V
9.0
6.0
0
3.0
0.06
2.0
12
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com