Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4925NET1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4925NET1G
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4925NET1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4925NET1G Datasheet HTML 1Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 2Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 3Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 4Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 5Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 6Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
September, 2011 − Rev. 0
1
Publication Order Number:
NTMFS4925NE/D
NTMFS4925NE
Power MOSFET
30 V, 48 A, Single N−Channel, SO−8 FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
Dual Sided Cooling Capability
Optimized for 5 V, 12 V Gate Drives
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
CPU Power Delivery
DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
16.7
A
TA = 100°C
10.5
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.70
W
Continuous Drain
Current RqJA ≤ 10 s
(Note 1)
TA = 25°C
ID
25.2
A
TA = 100°C
15.9
Power Dissipation
RqJA ≤ 10 s (Note 1)
TA = 25°C
PD
6.16
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
9.7
A
TA = 100°C
6.2
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.92
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
48
A
TC =100°C
30
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
23.2
W
Pulsed Drain
Current
TA = 25°C, tp = 10 ms
IDM
195
A
Current Limited by Package
TA = 25°C
IDmax
100
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
21
A
Drain to Source DV/DT
dV/dt
6.0
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VDD = 24 V, VGS = 10 V,
IL = 26 Apk, L = 0.1 mH, RG = 25 W)
EAS
34
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
4925NE
AYWWG
G
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
6.0 mW @ 10 V
48 A
10 mW @ 4.5 V
N−CHANNEL MOSFET
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4925NET1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NTMFS4925NET3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D
G (4)
S (1,2,3)
D (5,6)


Similar Part No. - NTMFS4925NET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4925NET1G ONSEMI-NTMFS4925NET1G Datasheet
131Kb / 7P
Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
September, 2011 ??Rev. 0
More results

Similar Description - NTMFS4925NET1G

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com