Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4925NET1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4925NET1G
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4925NET1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4925NET1G Datasheet HTML 1Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 2Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 3Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 4Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 5Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 6Page - ON Semiconductor NTMFS4925NET1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4925NE
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
5
4
3
2
1
0
0
20
40
50
10
60
100
120
5
4
3
2
1
0
10
20
50
60
80
100
120
Figure 3. On−Resistance vs. VGS
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS (V)
ID, DRAIN CURRENT (A)
9
810
7
6
5
4
3
0
0.002
0.006
0.008
0.010
0.014
0.016
0.020
120
100
70
60
50
30
20
10
0.003
0.004
0.005
0.006
0.008
0.009
0.010
0.011
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
125
100
75
50
25
0
−25
−50
0.6
0.7
0.9
1.1
1.2
1.4
1.6
1.7
30
25
20
15
10
5
10
100
1,000
10,000
30
70
80
90
110
TJ = 25°C
VGS = 2.5 V
3.0 V
3.5 V
4.0 V
4.5 V
10 V
TJ = 25°C
VDS = 10 V
TJ = 125°C
TJ = −55°C
30
40
70
90
110
0.004
0.012
0.018
ID = 30 A
110
40
90
80
0.007
T = 25°C
VGS = 4.5 V
VGS = 10 V
150
ID = 30 A
VGS = 10 V
0.8
1.0
1.3
1.5
TJ = 85°C
VGS = 0 V
TJ = 125°C
TJ = 150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com