Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS541N Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS541N
Description  Octal Buffer/Line Driver with 3?뭆tate Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS541N Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS541N Datasheet HTML 1Page - ON Semiconductor SN74LS541N Datasheet HTML 2Page - ON Semiconductor SN74LS541N Datasheet HTML 3Page - ON Semiconductor SN74LS541N Datasheet HTML 4Page - ON Semiconductor SN74LS541N Datasheet HTML 5Page - ON Semiconductor SN74LS541N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
SN74LS541/D
SN74LS541
Octal Buffer/Line Driver
with 3−State Outputs
The SN74LS541 is an octal buffer and line driver with the same
functions as the LS241, but with pinouts on the opposite side of the
package.
This device type is designed to be used as a memory address driver,
clock driver and bus-oriented transmitter/receiver. This device is
especially useful as output ports for the microprocessors, allowing
ease of layout and greater PC board density.
• Hysteresis at Inputs to Improve Noise Margin
• PNP Inputs Reduce Loading
• 3-State Outputs Drive Bus Lines
• Inputs and Outputs Opposite Side of Package, Allowing Easier
Interface to Microprocessors
• Input Clamp Diodes Limit High-Speed Termination Effects
LOGIC AND CONNECTION DIAGRAM DIP (TOP VIEW)
18
17
16 15 14 13
12
3
4
5
6
7
20 19
8
VCC
910
GND
12
11
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current − High
−15
mA
IOL
Output Current − Low
24
mA
http://onsemi.com
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS541N
PDIP−20
1440 Units/Box
SN74LS541DW
SOIC−WIDE
38 Units/Rail
PDIP−20
N SUFFIX
CASE 738
20
1
20
1
A
= Assembly Location
WL = Wafer Lot
Y, YY= Year
WW = Work Week
SN74LS541N
AWLYYWW
MARKING
DIAGRAMS
LS541
AWLYYWW
SOIC−20
DW SUFFIX
CASE 751D
1
1
SN74LS541DWR2 SOIC−WIDE 2500/Tape & Reel
20
1
SOEIAJ−20
M SUFFIX
CASE 967
74LS541
AWLYWW
SN74LS541M
See Note 1
SOEIAJ−20
SN74LS541MEL
See Note 1
SOEIAJ−20
1. For ordering information on the EIAJ version of
the SOIC package, please contact your local
ON Semiconductor representative.
1


Similar Part No. - SN74LS541N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS541N ONSEMI-SN74LS541N Datasheet
75Kb / 3P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LS541N TI-SN74LS541N Datasheet
169Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS541N TI-SN74LS541N Datasheet
597Kb / 15P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS541N TI1-SN74LS541N Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
SN74LS541N3 TI-SN74LS541N3 Datasheet
597Kb / 15P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LS541N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC240 ONSEMI-MC74AC240_06 Datasheet
108Kb / 10P
Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC540 ONSEMI-MC74AC540 Datasheet
131Kb / 12P
Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com