Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 1 Page - Diotech Company.

Part # LLDB3
Description  BIDIRECTIONAL TRIGGER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

LLDB3 Datasheet(HTML) 1 Page - Diotech Company.

  LLDB3 Datasheet HTML 1Page - Diotech Company. LLDB3 Datasheet HTML 2Page - Diotech Company. LLDB3 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LLDB3
BIDIRECTIONAL TRIGGER DIODE
Features
VBO : 32V
Breakover voltage range : 28 to 36V
Applications
Functioning as a trigger diode with a fixed voltage
reference, the DB3 can be used in conjunction
with triacs for simplified gate control circuits or as
a starting element in fluorescent lamp ballasts.
Absolute Maximum Ratings
(Limiting values)
Parameter
Symbol
Value
Unit
Repetitive peak on-state current (tp=20μ s F=120 Hz)
ITRM
2
A
Operating junction temperature range
Tj
-40 ~ +125
Storage temperature range
Tstg
-40 ~ +125
Stresses exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above the
recommended operating conditions is not implied. Extended exposure to stresses above the recommended operating conditions may
affect device reliability.
Electrical Characteristics
(Tj=25℃ unless otherwise specified)
Parameter
Symbol
Test Conditions
Value
Unit
MIN.
28
TYP.
32
Breakover voltage*
VBO
C=22nF**
MAX.
36
V
Breakover voltage symmetry
|VBO1-VBO2| C=22nF**
MAX.
±
3
V
Dynamic breakover voltage*
V
VBO and VF at 10mA
MIN.
5
V
Output voltage*
VO
see diagram 2(R=20Ω )
MIN.
5
V
Breakover current*
IBO
C=22nF**
MAX.
50
μ
A
Rise time*
tr
see diagram 3
MAX.
2
μ
s
Leakage current*
IR
VR=0.5VBO max
MAX.
10
μ
A
*Applicable to both forward and reverse directions.
**Connected in parallel to the device.
Dimensions in inches and (millimeters)
0.146(3.7)
0.130(3.3)
0.063(1.6)
0.055(1.4)
0.020(0.5)
0.012(0.3)
0.020(0.5)
0.012(0.3)
MINI MELF (LL-34)
DIA.


Similar Part No. - LLDB3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
SEMTECH ELECTRONICS LTD...
LLDB3 SEMTECH_ELEC-LLDB3 Datasheet
166Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
logo
Rectron Semiconductor
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
More results

Similar Description - LLDB3

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Diotech Company.
DB3 DIOTECH-DB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
DB4 DIOTECH-DB4 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Semiconducto...
DB3 CHENDA-DB3 Datasheet
591Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3 Datasheet
550Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
DB3 CHENDA-DB3_17 Datasheet
646Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3_17 Datasheet
597Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3_17 Datasheet
601Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com