Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMS3003 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BMS3003
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BMS3003 Datasheet(HTML) 2 Page - ON Semiconductor

  BMS3003 Datasheet HTML 1Page - ON Semiconductor BMS3003 Datasheet HTML 2Page - ON Semiconductor BMS3003 Datasheet HTML 3Page - ON Semiconductor BMS3003 Datasheet HTML 4Page - ON Semiconductor BMS3003 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BMS3003
No.A1907-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--60V, VGS=0V
--10
μA
Gate to Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--39A
130
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=--39A, VGS=--10V
5.0
6.5
RDS(on)2
ID=--39A, VGS=--4V
6.5
9.0
Input Capacitance
Ciss
VDS=--20V, f=1MHz
13200
pF
Output Capacitance
Coss
1300
pF
Reverse Transfer Capacitance
Crss
950
pF
Turn-ON Delay Time
td(on)
See Fig.2
90
ns
Rise Time
tr
360
ns
Turn-OFF Delay Time
td(off)
1200
ns
Fall Time
tf
680
ns
Total Gate Charge
Qg
VDS=--36V, VGS=--10V, ID=--78A
285
nC
Gate to Source Charge
Qgs
35
nC
Gate to Drain “Miller” Charge
Qgd
70
nC
Diode Forward Voltage
VSD
IS=--78A, VGS=0V
--0.95
--1.5
V
Reverse Recovery Time
trr
See Fig.3
IS=--78A, VGS=0V, di/dt=--100A/μs
150
ns
Reverse Recovery Charge
Qrr
470
nC
Fig.1 Unclamped Inductive Switching Test Circuit
Fig.2 Switching Time Test Circuit
Fig.3 Reverse Recovery Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
BMS3003-1E
TO-220F-3SG
50pcs./tube
Pb Free
50Ω
≥50Ω
RG
VDD
L
BMS3003
G
S
D
0V
-10V
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= -39A
RL=0.92Ω
VDD= -36V
VOUT
VIN
0V
-10V
VIN
BMS3003
VDD
BMS3003
L
Driver MOSFET
G
S
D
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com