Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMS3003 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BMS3003
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BMS3003 Datasheet(HTML) 4 Page - ON Semiconductor

  BMS3003 Datasheet HTML 1Page - ON Semiconductor BMS3003 Datasheet HTML 2Page - ON Semiconductor BMS3003 Datasheet HTML 3Page - ON Semiconductor BMS3003 Datasheet HTML 4Page - ON Semiconductor BMS3003 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BMS3003
No.A1907-4/5
Total Gate Charge, Qg -- nC
VGS -- Qg
EAS -- Ta
Ambient Temperature, Ta --
°C
PD -- Ta
PD -- Tc
A S O
Drain to Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
IT16248
0
50
200
150
250
100
300
0
--2
--4
--6
--1
--3
--5
--8
--7
--9
--10
IT16250
0
0
20
40
60
80
100
120
140
100
80
60
20
40
120
160
IT16251
--0.1
--1.0
2
3
5
7
2
3
5
7
2
7
3
5
2
3
5
7
--10
--0.1
IDP= --312A (PW≤10μs)
ID= --78A
100
μs
1ms
10ms
100ms
DC
operation
Operation in
this area is
limited by RDS(on).
--1.0
23
5 7
2
--10
--100
35 7
2
35 7
10
μs
--100
--1000
0
0
20
40
60
80
100
140
120
30
35
40
25
15
10
20
5
45
160
VDS= --36V
ID= --78A
IT16249
IT16247
0
0
20
40
60
80
100
140
120
2.5
2.0
1.0
0.5
1.5
160
Tc=25
°C
Single pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com