Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102R2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMDFS2P102R2
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS2P102R2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MMDFS2P102R2 Datasheet HTML 2Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 3Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 4Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 5Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 6Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 7Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 8Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 9Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MMDFS2P102
http://onsemi.com
6
TYPICAL FET ELECTRICAL CHARACTERISTICS
Figure 13. FET Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
t, TIME (s)
1.0
0.1
0.001
D = 0.5
SINGLE PULSE
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.2
0.1
0.05
0.02
0.01
1.0E+02
1.0E+03
0.0001
0.01
NORMALIZED TO RqJA AT STEADY STATE (1″ PAD)
CHIP
JUNCTION
0.0175
W
0.0154 F
0.0710
W
0.0854 F
0.2706
W
0.3074 F
0.5776
W
1.7891 F
0.7086
W
107.55 F
AMBIENT
TYPICAL SCHOTTKY ELECTRICAL CHARACTERISTICS
TJ = 125°C
Figure 15. Typical Forward Voltage
Figure 16. Maximum Forward Voltage
0.7
1.0
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1.4
0
1.0
0.1
0.1
0.4
0.2
0.3
0.5
0.6
0.8
0.9
0.2
0.4
0.6
0.8
10
1.0
1.2
85
°C
25
°C
−40
°C
TJ = 125°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com