Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102R2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDFS2P102R2
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS2P102R2 Datasheet(HTML) 2 Page - ON Semiconductor

  MMDFS2P102R2 Datasheet HTML 1Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 2Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 3Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 4Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 5Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 6Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 7Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 8Page - ON Semiconductor MMDFS2P102R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMDFS2P102
http://onsemi.com
2
SCHOTTKY RECTIFIER MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VR
20
Volts
Average Forward Current (Note 1) (Rated VR) TA = 100°C
IO
1.0
Amps
Peak Repetitive Forward Current (Note 3.) (Rated VR, Square Wave, 20 kHz) TA = 105°C
Ifrm
2.0
Amps
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave, single phase, 60 Hz)
Ifsm
20
Amps
THERMAL CHARACTERISTICS − SCHOTTKY AND MOSFET
Thermal Resistance − Junction−to−Ambient (Note 2) − MOSFET
RqJA
167
°C/W
Thermal Resistance − Junction−to−Ambient (Note 3) − MOSFET
RqJA
100
Thermal Resistance − Junction−to−Ambient (Note 3.) − MOSFET
RqJA
62.5
Thermal Resistance − Junction−to−Ambient (Note 2) − Schottky
RqJA
204
Thermal Resistance − Junction−to−Ambient (Note 3) − Schottky
RqJA
122
Thermal Resistance − Junction−to−Ambient (Note 1) − Schottky
RqJA
83
Operating and Storage Temperature Range
Tj, Tstg
−55 to 150
1. Mounted on 2″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided), 10 sec. max.
2. Mounted with minimum recommended pad size, PC Board FR4.
3. Mounted on 2″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided), Steady State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com