Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG8X Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG8X
Description  Flexible RG8X Coax Cable Single Shielded with Black PVC NC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG8X Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG8X Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG8X Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG8X Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Dielectric:
Type
PE (F)
Diameter, in [mm]
0.155 [3.94]
Shield:
Number of
1
Material 1
Copper Braid
Jacket:
Material
PVC (NC)
Diameter, in [mm]
0.242 [6.15]
Color
Black
Weight, lbs/ft [Kg/m]
0.041 [0.06]
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Flexible RG8X Coax Cable Single Shielded with Black PVC (NC) Jacket from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible RG8X Coax Cable Single Shielded with Black PVC (NC) Jacket RG8X
URL: http://www.pasternack.com/flexible-0.242-rg8x-50-ohm-coax-cable-pvc-jacket-rg8x-p.aspx
RG8X
RG8X REV
Flexible RG8X Coax Cable Single Shielded
with Black PVC (NC) Jacket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com