Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG8X Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG8X
Description  Flexible RG8X Coax Cable Single Shielded with Black PVC NC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG8X Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG8X Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG8X Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG8X Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Flexible RG8X Coax Cable Single Shielded with Black PVC (NC) Jacket
Configuration
Inner Conductor Material and Plating
Copper
Dielectric Type
PE (F)
Shield Materials
Copper Braid
Jacket Material and Color
PVC (NC), Black
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Frequency, MHz
1000
Capacitance, pF/ft [pF/m]
26 [85.3]
Maximum Operating Voltage, Volts
2,500
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
10
Attenuation, dB/100ft [dB/100m]
1 [3.28]
Power Handling, KWatts
1
Frequency 2
Frequency, MHz
400
Attenuation, dB/100ft [dB/100m]
8 [26.25]
Power Handling, Watts
110
Frequency 3
Frequency, MHz
700
Attenuation, dB/100ft [dB/100m]
11.1 [36.42]
Power Handling, Watts
75
Frequency 4
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
13.5 [44.29]
Power Handling, Watts
60
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +80
Inner Conductor
Number of Strands
19
Material
Copper
Diameter, in [mm]
0.056 [1.42]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible RG8X Coax Cable Single Shielded with Black PVC (NC) Jacket RG8X
RG8X
RG8X REV
Flexible RG8X Coax Cable Single Shielded
with Black PVC (NC) Jacket


Similar Part No. - RG8X

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RG8080-A OKAYA-RG8080-A Datasheet
322Kb / 1P
OUTLINE DIMENISON & BLOCK DIAGRAM
logo
List of Unclassifed Man...
RG812-16-6 ETC2-RG812-16-6 Datasheet
81Kb / 2P
Heyco Rubber Grommets
RG812-18-6 ETC2-RG812-18-6 Datasheet
81Kb / 2P
Heyco Rubber Grommets
logo
Intel Corporation
RG82845E INTEL-RG82845E Datasheet
312Kb / 2P
Intel 845E Chipset for Applied Computing
RG82845SL5YQ INTEL-RG82845SL5YQ Datasheet
1Mb / 148P
Intel짰 845 Chipset: 82845 Memory Controller Hub (MCH) for SDR
More results

Similar Description - RG8X

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG6A-U PASTERNACK-RG6A-U Datasheet
279Kb / 3P
75 Ohm Flexible RG6 Coax Cable Double Shielded with Black PVC (NC) Jacket
RG59B-U PASTERNACK-RG59B-U Datasheet
467Kb / 3P
75 Ohm Flexible RG59 Coax Cable Single Shielded with Black PVC(NC) Jacket
RG8A-U PASTERNACK-RG8A-U Datasheet
240Kb / 3P
Flexible RG8 Coax Cable Single Shielded with Black PVC (NC) Jacket
RG58C-U PASTERNACK-RG58C-U Datasheet
426Kb / 3P
Flexible RG58 Coax Cable Single Shielded with Black PVC (NC) Jacket
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
RG214-U PASTERNACK-RG214-U Datasheet
367Kb / 3P
Flexible RG214 Coax Cable Double Shielded with Black PVC Jacket
RG217-U PASTERNACK-RG217-U Datasheet
370Kb / 3P
Flexible RG217 Coax Cable Double Shielded with Black PVC Jacket
RG218-U PASTERNACK-RG218-U Datasheet
279Kb / 3P
Flexible RG218 Coax Cable Single Shielded with Black PVC Jacket
RG223-U PASTERNACK-RG223-U Datasheet
399Kb / 3P
Flexible RG223 Coax Cable Double Shielded with Black PVC Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com