Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG58-TPX Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG58-TPX
Description  Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150 C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG58-TPX Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG58-TPX Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG58-TPX Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Dielectric:
Type
TPX
Diameter, in [mm]
0.11 [2.79]
Shield:
Number of
1
Material 1
Tinned Copper Braid
Diameter, in [mm]
0.13 [3.3]
Jacket:
Material
TPX
Diameter, in [mm]
0.19 [4.83]
Color
Blue
One Time Minimum Bend Radius, in [mm]
1.9 [48.26]
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150° C from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150° C RG58-TPX
URL: http://www.pasternack.com/50-ohm-flexible-tinned-copper-braid-outer-conductor-single-shielded-blue-rg58-tpx-p.aspx
RG58-TPX
RG58-TPX REV 2.0
Flexible RG58 Coax Cable Single Shielded
With Blue TPX Jacket, Rated To 150° C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com