Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG58-TPX Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG58-TPX
Description  Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150 C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG58-TPX Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG58-TPX Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG58-TPX Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Inner Conductor Material and Plating
Copper
Dielectric Type
TPX
Shield Materials
Tinned Copper Braid
Jacket Material and Color
TPX, Blue
Electrical Specifications
Impedance, Ohms
50
Velocity of Propagation, %
69
Maximum Operating Frequency, GHz
6
Capacitance, pF/ft [pF/m]
97 [318.24]
Maximum Operating Voltage, Volts
1,400
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
450
Attenuation, dB/100ft [dB/100m]
37 [121.39]
Frequency 2
Frequency, MHz
900
Attenuation, dB/100ft [dB/100m]
58 [190.29]
Frequency 3
Frequency, GHz
18
Attenuation, dB/100ft [dB/100m]
85 [278.87]
Frequency 4
Frequency, GHz
2.4
Attenuation, dB/100ft [dB/100m]
113 [370.73]
Frequency 5
Frequency, GHz
3
Attenuation, dB/100ft [dB/100m]
116 [380.58]
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +150
Inner Conductor
Number of Strands
1
Material
Copper
Diameter, in [mm]
0.035 [0.89]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150° C RG58-
TPX
RG58-TPX
RG58-TPX REV 2.0
Flexible RG58 Coax Cable Single Shielded
With Blue TPX Jacket, Rated To 150° C


Similar Part No. - RG58-TPX

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG58-P PASTERNACK-RG58-P Datasheet
367Kb / 3P
53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
More results

Similar Description - RG58-TPX

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-C195 PASTERNACK-PE-C195 Datasheet
1Mb / 4P
Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket
RG58C-U PASTERNACK-RG58C-U Datasheet
426Kb / 3P
Flexible RG58 Coax Cable Single Shielded with Black PVC (NC) Jacket
RG58-P PASTERNACK-RG58-P Datasheet
367Kb / 3P
53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
RG178B-U PASTERNACK-RG178B-U Datasheet
360Kb / 3P
Flexible RG178 Coax Cable Single Shielded with Tan FEP Jacket
RG188A-U PASTERNACK-RG188A-U Datasheet
272Kb / 3P
Flexible RG188 Coax Cable Single Shielded with White PTFE Jacket
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
RG218-U PASTERNACK-RG218-U Datasheet
279Kb / 3P
Flexible RG218 Coax Cable Single Shielded with Black PVC Jacket
RG303-U PASTERNACK-RG303-U Datasheet
1Mb / 3P
Flexible RG303 Coax Cable Single Shielded with Tan FEP Jacket
RG316-U PASTERNACK-RG316-U Datasheet
382Kb / 4P
Flexible RG316 Coax Cable Single Shielded with Tan FEP Jacket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com