Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC4200VB Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SVC4200VB
Description  LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVC4200VB Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SVC4200VB Datasheet HTML 1Page - Pan Jit International Inc. SVC4200VB Datasheet HTML 2Page - Pan Jit International Inc. SVC4200VB Datasheet HTML 3Page - Pan Jit International Inc. SVC4200VB Datasheet HTML 4Page - Pan Jit International Inc. SVC4200VB Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
August 6,2014-REV.00
SVC4200VB
LOW VF SCHOTTKY BARRIER RECTIFIER
VOLTAGE
200 Volt
4 Ampere
FEATURES
• Ideal for automated placement
• Low forward voltage drop, low power loss
• High efficiency Operation
• Low thermal resistance
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : TO-277B, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight : 0.0038 ounces, 0.1088 grams
Marking : Part number
CURRENT
MAXIMUM RATINGS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
200
V
Maximum RMS Voltage
VRMS
140
V
Maximum DC Blocking Voltage
VR
200
V
Average Rectified Output Current
I F(AV)
4A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
100
A
Typical Thermal Resistance, Junction to Case
Junction to Ambient
(Note 1)
(Note 2)
RΘJC
RΘJA
4.5
110
oC/W
Operating Junction Temperature and Storage Temperature range
TJ,TSTG
-55 to + 150
oC
NOTES:
1.Mounted on a FR4 PCB, single-sided copper, with 100cm
2 copper pad area.
2.Mounted on a FR4 PCB, single-sided copper, mini pad.
0.243(6.15)
0.238(6.05)
0.282(7.15)
0.269(6.85)
0.193(4.90)
0.181(4.60)
0.053(1.35)
0.045(1.15)


Similar Part No. - SVC4200VB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVC4200VB PANJIT-SVC4200VB_16 Datasheet
360Kb / 6P
LOW VF SCHOTTKY BARRIER RECTIFIER
SVC4200VB_R2_00001 PANJIT-SVC4200VB_R2_00001 Datasheet
360Kb / 6P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SVC4200VB

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
S545U JINANJINGHENG-S545U Datasheet
70Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com