Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC4200VB Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SVC4200VB
Description  LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVC4200VB Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SVC4200VB Datasheet HTML 1Page - Pan Jit International Inc. SVC4200VB Datasheet HTML 2Page - Pan Jit International Inc. SVC4200VB Datasheet HTML 3Page - Pan Jit International Inc. SVC4200VB Datasheet HTML 4Page - Pan Jit International Inc. SVC4200VB Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
August 6,2014-REV.00
SVC4200VB
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Break down voltage
VBR
I R=5
μATA=25oC
200
-
-
V
Instantaneous forward voltage
VF
I F=3A
I F=4A
I F=8A
TA=25oC
-
-
-
0.74
0.76
0.82
-
0.84
-
V
I F=3A
I F=4A
I F=8A
TA=125oC
-
-
-
0.58
0.61
0.68
-
-
-
V
Reverse current
I R
VR=160V
TA=25oC-
0.1
-
uA
VR=200V
TA=25oC
TA=125oC
-
-
-
0.35
1
-
uA
mA
RATING AND CHARACTERISTIC CURVES
0
1
2
3
4
5
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.01
0.1
1
10
100
1000
10000
20
40
60
80
100
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Percent of Rated Peak Reverse Voltage (%)
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
1
10
100
VR, Reverse Bias Voltage (V)
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 75°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com