Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT1865 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # AT1865
Description  41 Channel DC-DC converter for DV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1865 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT1865 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
Mar 17, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT1865
Global Mixed-mode Technology Inc.
4+1 Channel DC-DC converter for DV
Features
1.8V ~ 5.5V BAT Input Voltage Operation.
3.0V ~ 5.5V VCC Input Voltage Operation.
95% Efficient DC/DC Converter.
Combine Step-Up and Step-Down for 90% Effi-
cient Boost-Buck and Buck-Boost.
Highly Integrated 4+1 CH DC/DC with inte-
grated Power MOSFETs.
CH2 Selectable Buck or Boost for Li-ion Bat-
tery Application.
4 Channel Built-in Synchronous Rectified Cur-
rent-Mode PWM Converters.
Low Power Consumption (Sleep Mode) <10uA.
Built-In Short-circuit Protection (SCP) and
Over Current Protection (OCP) for MOSFETs.
Built-In Over Voltage Protection (OVP) and
Over Load Protection (OLP).
Built-In Soft-Start Function.
Built-In Power ON/OFF Sequence Control.
Built-In RTC LDO
Built-In RESET function
Fixed 1MHz Operating Frequency.
TQFN28 Package (4mm x 4mm).
General Description
The AT1865 provide a complete power supply solution
for digital video. They improve performance, compo-
nent count, and size compared to other multi-channel
controllers in 1-cell Li-Ion battery designs. On-chip
MOSFETs provide up to 92~95% efficiency for critical
power supplies. Channel 1/2/3/4 operate at one fixed
frequency of 1MHz to optimize size, cost, and effi-
ciency. Channel 5 operate as LDO.
Applications
DV
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
AT1865RV1U
A1865
0°C to +85°C
TQFN4X4-28
Note: RV: TQFN4X4-28
1: Bonding Code
U: Tape & Reel
Pin Configuration
AT1865 TQFN4X4-28
LX3
RESET
CT
VREF
AGND
VCC
LX1
RTC_IN
RTC_OUT
VOUT5
PVCC5
CTL5
1
2
3
4
5
6
16
17
18
19
20
21
7
LX4
15
LX2
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
Thermal
Pad
AT1865 TQFN4X4-28
LX3
RESET
CT
VREF
AGND
VCC
LX1
RTC_IN
RTC_OUT
VOUT5
PVCC5
CTL5
1
2
3
4
5
6
16
17
18
19
20
21
7
LX4
15
LX2
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
Thermal
Pad
CH1
Synchronous Rectified
Current Mode Step-Up
CH2
Selectable
Synchronous Rectified
Current Mode Step-
Up/Step-Down
CH3
Synchronous Rectified
Current Mode Step-
Down
CH4
Synchronous Rectified
Current Mode Step-
Down
CH5
LDO
AT1865


Similar Part No. - AT1865

ManufacturerPart #DatasheetDescription
logo
Advance Tapes Internati...
AT180 ADVANCETAPES-AT180 Datasheet
309Kb / 3P
AT180 Premium Quality Gloss Waterproof Cloth Tape
27/07/18 V1.0
AT180 BLACK 50M X 50MM ADVANCETAPES-AT180 BLACK 50M X 50MM Datasheet
309Kb / 3P
AT180 Premium Quality Gloss Waterproof Cloth Tape
27/07/18 V1.0
logo
American Accurate Compo...
AT18C-01DB0.3BLF AAC-AT18C-01DB0.3BLF Datasheet
197Kb / 4P
SMD Chip Attenuator
AT18C-01DB0.3MLF AAC-AT18C-01DB0.3MLF Datasheet
197Kb / 4P
SMD Chip Attenuator
AT18C-01DB0.3OLF AAC-AT18C-01DB0.3OLF Datasheet
197Kb / 4P
SMD Chip Attenuator
More results

Similar Description - AT1865

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
1-channel DC/DC converter controller
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1382A AIMTRON-AT1382A Datasheet
620Kb / 25P
4-Channel DC-DC Converter for DSC
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
4-Channel DC-DC Converter for DSC
logo
AIMTEC
AM1_4L-NZ AIMTEC-AM1_4L-NZ Datasheet
283Kb / 4P
1/4 Watt | DC-DC Converter
AM1_4L-NZ AIMTEC-AM1_4L-NZ_13 Datasheet
293Kb / 4P
1/4 Watt | DC-DC Converter
AM1_4L-N-Z AIMTEC-AM1_4L-N-Z Datasheet
86Kb / 4P
1/4 Watt | DC-DC Converter
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
7-Channel DC-DC Converter for DSC
logo
Renesas Technology Corp
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
4-Channel DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com