Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q21 Datasheet(PDF) 36 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 36 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 32Page - ELM Electronics GD25Q21 Datasheet HTML 33Page - ELM Electronics GD25Q21 Datasheet HTML 34Page - ELM Electronics GD25Q21 Datasheet HTML 35Page - ELM Electronics GD25Q21 Datasheet HTML 36Page - ELM Electronics GD25Q21 Datasheet HTML 37Page - ELM Electronics GD25Q21 Datasheet HTML 38Page - ELM Electronics GD25Q21 Datasheet HTML 39Page - ELM Electronics GD25Q21 Datasheet HTML 40Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
36
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
7.27. High Performance Mode (HPM) (A3H)
It is recommended to execute High Performance Mode (HPM) command prior to Dual or Quad I/O commands
when operating at high frequencies (see fC in AC Electrical Characteristics). This command allows pre-charging
of internal charge pumps so the voltages required for accessing the flash memory array are readily available.
The command sequence: CS# goes low → Sending A3H command → Sending 3-dummy byte → CS# goes
high. See Figure32. After the HPM command is executed, the device will maintain a slightly higher standby
current (Icc8) than standard SPI operation. The Release from Power-Down or HPM command (ABH) can
be used to return to standard SPI standby current (Icc1). In addition, Power-Down command (B9H) will also
release the device from HPM mode back to deep power down state.
Figure 32. High Performance Mode Sequence Diagram
Command
0 1 2 3 4 5 6 7
A3H
CS#
SCLK
SI
8 9
29 30 31
MSB
2 1 0
3 Dummy Bytes
23 22
SO
High Performance Mode
HPM
t
7.28. Erase Security Registers (44H)
The GD25Q21B provides three 512-byte Security Registers which can be erased and programmed individually.
These registers may be used by the system manufacturers to store security and other important information
separately from the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low → sending Erase Security Registers command
→ CS# goes high. The command sequence is shown below. CS# must be driven high after the eighth bit of the
command code has been latched in; otherwise the Erase Security Registers command is not executed. As soon
as CS# is driven high, the self-timed Erase Security Registers cycle (whose duration is tSE) is initiated. While
the Erase Security Registers cycle is in progress, the Status Register may be read to check the value of the Write
in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Erase Security Registers cycle,
and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch
(WEL) bit is reset. The Security Registers Lock Bit (LB3-1) in the Status Register can be used to OTP protect
the security registers. Once the LB bit is set to 1, the Security Registers will be permanently locked; the Erase
Security Registers command will be ignored.
Address
A23-16
A15-12
A11-9
A8-0
Security Register #1
00H
0 0 0 1
0 0 0
Do not care
Security Register #2
00H
0 0 1 0
0 0 0
Do not care
Security Register #3
00H
0 0 1 1
0 0 0
Do not care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com