Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q21 Datasheet(PDF) 49 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 49 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 41Page - ELM Electronics GD25Q21 Datasheet HTML 42Page - ELM Electronics GD25Q21 Datasheet HTML 43Page - ELM Electronics GD25Q21 Datasheet HTML 44Page - ELM Electronics GD25Q21 Datasheet HTML 45Page - ELM Electronics GD25Q21 Datasheet HTML 46Page - ELM Electronics GD25Q21 Datasheet HTML 47Page - ELM Electronics GD25Q21 Datasheet HTML 48Page - ELM Electronics GD25Q21 Datasheet HTML 49Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
49
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
10.3 Package USON8 (3×2mm)
Symbol
A
A1
A2
b
D
D1
E
E1
e
y
L
Unit
mm
Min
0.50
-
0.13
0.18
2.90
0.15
1.90
1.50
-
0.00
0.30
Nom
0.55
-
0.15
0.25
3.00
0.20
2.00
1.60
0.50
-
0.35
Max
0.60
0.05
0.18
0.30
3.10
0.30
2.10
1.70
-
0.05
0.45
Inch
Min
0.020
-
0.005 0.007 0.114 0.006 0.075 0.059
-
0.000 0.012
Nom
0.022
-
0.006 0.010 0.118 0.008 0.079 0.063 0.020
-
0.014
Max
0.024 0.002 0.007 0.012 0.122 0.012 0.083 0.067
-
0.002 0.018
Dimensions
Note: Both package length and width do not include mold flash.
D
E
Top View
D1
E1
b
e
Bottom View
L
1
A2
A1
A
Side View
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com