Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP520WMF Datasheet(PDF) 2 Page - AUK corp

Part # SDP520WMF
Description  Attenuator Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDP520WMF Datasheet(HTML) 2 Page - AUK corp

  SDP520WMF Datasheet HTML 1Page - AUK corp SDP520WMF Datasheet HTML 2Page - AUK corp SDP520WMF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-2075-000
2
SDP520WMF
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Continuous reverse voltage
VR
50
V
Forward current
IF
*
50
mA
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 ~ 150
°C
* : Unit ratings. Total rating = Unit rating
× 1.5
Electrical Characteristics
Ta=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Reverse voltage
VR
IR=10µA
50
-
-
V
Reverse current
IR
VR=50V
-
-
0.1
µA
Forward voltage
VF
IF=50mA
-
0.95
-
V
Total capacitance
CT
VR=50V, f=1MHz
-
0.25
0.5
pF
IF=0.01mA, f=100MHz
-
2800
-
Ω
IF=0.1mA, f=100MHz
-
380
-
Ω
IF=1mA, f=100MHz
-
45
-
Ω
Series resistance
rS
IF=10mA, f=100MHz
-
7
-
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com