Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP520WMF Datasheet(PDF) 1 Page - AUK corp

Part # SDP520WMF
Description  Attenuator Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDP520WMF Datasheet(HTML) 1 Page - AUK corp

  SDP520WMF Datasheet HTML 1Page - AUK corp SDP520WMF Datasheet HTML 2Page - AUK corp SDP520WMF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD-2075-000
1
SDP520WMF
Attenuator Diode
Features
•••• SMD package : SOT-23F
• Low capacitance : CT=0.25pF(Typ.)
• Series resistance : rs=7Ω(Typ.)
• VHF tuner band RF attenuator application
• AGC for UHF/VHF tuner
Ordering Information
Type No.
Marking
Package Code
SDP520WMF
W2M
SOT-23F
Outline Dimensions
unit : mm
1
3
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
2
3
1
2
2.4
±0.1
1.6
±0.1
PIN Connections
1. Anode
2. Cathode
3. Cathode(D1)
Anode (D2)


Similar Part No. - SDP520WMF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP520WMF AUK-SDP520WMF Datasheet
63Kb / 3P
Attenuator Diode
logo
KODENSHI_AUK CORP.
SDP520WMF KODENSHI-SDP520WMF Datasheet
144Kb / 3P
Attenuator Diode
logo
AUK corp
SDP520WMF AUK-SDP520WMF_1 Datasheet
63Kb / 3P
Attenuator Diode
More results

Similar Description - SDP520WMF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP520D AUK-SDP520D Datasheet
61Kb / 3P
Attenuator Diode
SDP520Q AUK-SDP520Q Datasheet
49Kb / 3P
Attenuator Diode
SDP530Q AUK-SDP530Q Datasheet
47Kb / 3P
Attenuator Diode
SDP530WMUF AUK-SDP530WMUF Datasheet
59Kb / 3P
Attenuator Diode
SDP530WMF AUK-SDP530WMF Datasheet
139Kb / 3P
Attenuator Diode
SDP520Q AUK-SDP520Q_1 Datasheet
159Kb / 3P
Attenuator Diode
SDP520WMF AUK-SDP520WMF_1 Datasheet
63Kb / 3P
Attenuator Diode
SDP530WAF AUK-SDP530WAF_1 Datasheet
49Kb / 3P
Attenuator Diode
SDP530WKF AUK-SDP530WKF_1 Datasheet
47Kb / 3P
Attenuator Diode
logo
KODENSHI_AUK CORP.
SDP520WMF KODENSHI-SDP520WMF Datasheet
144Kb / 3P
Attenuator Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com