Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDS142WMF Datasheet(PDF) 2 Page - AUK corp

Part # SDS142WMF
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDS142WMF Datasheet(HTML) 2 Page - AUK corp

  SDS142WMF Datasheet HTML 1Page - AUK corp SDS142WMF Datasheet HTML 2Page - AUK corp SDS142WMF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-3011-001
2
SDS142WMF
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Maximum(peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Maximum(peak) forward current
IFM
*
300
mA
Average forward current
IO
*
100
mA
Surge current(10ms)
IFSM
*
2
A
Power dissipation
PD
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 ~ 150
°C
* : Unit ratings. Total rating = Unit rating
×1.5
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
VF(1)
IF=1mA
-
0.6
-
VF(2)
IF=10mA
-
0.7
-
Forward voltage
VF(3)
IF=100mA
-
0.9
1.2
V
Reverse current
IR
VR=80V
-
-
0.5
µA
Total capacitance
CT
VR=0, f=1MHz
-
2.2
4.0
pF
Reverse recovery time
trr
IF=10mA
-
1.6
4.0
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com